Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD1612BPY Datasheet(PDF) 3 Page - Winbond

Part # ISD1612BPY
Description  Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices with vAlert Option
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

ISD1612BPY Datasheet(HTML) 3 Page - Winbond

  ISD1612BPY Datasheet HTML 1Page - Winbond ISD1612BPY Datasheet HTML 2Page - Winbond ISD1612BPY Datasheet HTML 3Page - Winbond ISD1612BPY Datasheet HTML 4Page - Winbond ISD1612BPY Datasheet HTML 5Page - Winbond ISD1612BPY Datasheet HTML 6Page - Winbond ISD1612BPY Datasheet HTML 7Page - Winbond ISD1612BPY Datasheet HTML 8Page - Winbond ISD1612BPY Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ISD1600B SERIES
Publication Release Date: Jan. 23, 2007
- 3 -
Revision 1.2
1. GENERAL DESCRIPTION
The Winbond
® ISD1600B ChipCorder® Series is a high quality, fully integrated, single-chip single-
message voice record and playback device ideally suited to a variety of electronic systems. The
message duration is user selectable in ranges from 6.6 seconds to 40 seconds, depending on the
specific device. The sampling frequency of each device can also be adjusted from 4 kHz to 12 kHz
with an external resistor, giving the user greater flexibility in duration versus recording quality for each
application. Operating voltage spans a range from 2.4 V to 5.5 V to ensure that the ISD1600B devices
are optimized for a wide range of battery or line-powered applications.
The devices include an on-chip oscillator (with external resistor control), microphone preamplifier with
Automatic Gain Control (AGC), anti-aliasing filter, Multi-Level Storage (MLS) array, smoothing filter,
Pulse Width Modulation (PWM) Class D speaker driver, and current output. Voice signals can be fed
into the chip through a differential microphone input for recording. The PWM output can directly drive
a standard 8
Ω speaker or a typical buzzer, while the separate single-ended current output can drive
an external amplifier.
Recordings are stored into the on-chip Flash memory cells, providing zero-power message storage.
This unique single-chip solution is made possible through Winbond’s patented Multi-Level Storage
(MLS) technology. Audio data are stored directly in solid-state memory without digital compression,
providing superior quality voice and music reproduction.
The ISD1600B Series also supports an optional “vAlert” (voiceAlert) feature that can be used as a
new message indicator. With vAlert, the IC strobes an external LED to indicate that a new message is
present.


Similar Part No. - ISD1612BPY

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD1612BSYI NUVOTON-ISD1612BSYI Datasheet
313Kb / 22P
   Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices
ISD1612BXYI NUVOTON-ISD1612BXYI Datasheet
313Kb / 22P
   Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices
More results

Similar Description - ISD1612BPY

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
ISD1600B NUVOTON-ISD1600B Datasheet
313Kb / 22P
   Single-Message Single-Chip 6.6- to 40-Second Voice Record & Playback Devices
logo
Winbond
ISD1700 WINBOND-ISD1700 Datasheet
356Kb / 24P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Nuvoton Technology Corp...
ISD1700 NUVOTON-ISD1700 Datasheet
990Kb / 23P
   Multi-Message Single-Chip Voice Record & Playback Devices
logo
Winbond
ISD1700A WINBOND-ISD1700A Datasheet
360Kb / 31P
   Multi-Message Single-Chip Voice Record&Playback Devices
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Nuvoton Technology Corp...
ISD18C00 NUVOTON-ISD18C00 Datasheet
332Kb / 23P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Winbond
ISD1800 WINBOND-ISD1800 Datasheet
709Kb / 26P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
logo
Nuvoton Technology Corp...
ISD1800 NUVOTON-ISD1800 Datasheet
420Kb / 27P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE 6- TO 16-SECOND DURATION
ISD18B00 NUVOTON-ISD18B00 Datasheet
610Kb / 20P
   SINGLE-CHIP, SINGLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
ISD14B00 NUVOTON-ISD14B00 Datasheet
993Kb / 27P
   SINGLE-CHIP, MULTIPLE-MESSAGE VOICE RECORD/PLAYBACK DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com