Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR912FAW32H6T Datasheet(PDF) 82 Page - STMicroelectronics

Part # STR912FAW32H6T
Description  ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR912FAW32H6T Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STR912FAW32H6T Datasheet HTML 78Page - STMicroelectronics STR912FAW32H6T Datasheet HTML 79Page - STMicroelectronics STR912FAW32H6T Datasheet HTML 80Page - STMicroelectronics STR912FAW32H6T Datasheet HTML 81Page - STMicroelectronics STR912FAW32H6T Datasheet HTML 82Page - STMicroelectronics STR912FAW32H6T Datasheet HTML 83Page - STMicroelectronics STR912FAW32H6T Datasheet HTML 84Page - STMicroelectronics STR912FAW32H6T Datasheet HTML 85Page - STMicroelectronics STR912FAW32H6T Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 99 page
background image
Electrical characteristics
STR91xFAx32 STR91xFAx42 STR91xFAx44
82/99
Ethernet MII management timings
Figure 26.
Ethernet MII management timing diagram
Ethernet MII transmit timings
Figure 27.
Ethernet MII transmit timing diagram
1
2
3
MDC
MDIO
output
MDIO
input
Table 41.
Ethernet MII management timing table
Symbol
Parameter
Symbol
Value
Unit
Min
Max
1
MDIO delay from rising
edge of MDC
tc(MDIO)
2.83
ns
2
MDIO setup time to rising
edge of MDC
Tsu (MDIO)
2.70
ns
3
MDIO hold time from rising
edge of MDC
Th (MDIO)
-2.03
ns
1
3
5
7
8
2
4
6
MII_TX_CLK
MII_TX_EN
MII_CRS
MII_COL
MII_TXD
Table 42.
Ethernet MII transmit timing table
Symbol
Parameter
Symbol
Value
Unit
Min
Max
1
MII_TX_CLK high to
MII_TX_EN valid
tVAL(MII_TX_EN)
4.20
ns
2
MII_TX_CLK high to
MII_TX_EN invalid
Tinval(MII_TX_EN)
4.86
ns
3
MII_CRS valid to
MII_TX_CLK high
Tsu(MII_CRS)
0.61
ns
4
MII_TX_CLK high to
MII_CRS invalid
Th(MII_CRS)
0.00
ns
5
MII_COL valid to
MII_TX_CLK high
Tsu(MII_COL)
0.81
ns


Similar Part No. - STR912FAW32H6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR912FAW32 STMICROELECTRONICS-STR912FAW32 Datasheet
1Mb / 101P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
More results

Similar Description - STR912FAW32H6T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STR91XF STMICROELECTRONICS-STR91XF Datasheet
1Mb / 72P
   ARM966E-S 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC Motor Control, 4 Timers, ADC, RTC, DMA
STR91XFAX3X STMICROELECTRONICS-STR91XFAX3X Datasheet
1Mb / 101P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR91XFA STMICROELECTRONICS-STR91XFA Datasheet
1Mb / 78P
   ARM966E-S??16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR91XF STMICROELECTRONICS-STR91XF_07 Datasheet
1Mb / 73P
   ARM966E-S TM 16/32-Bit Flash MCU with Ethernet, USB, CAN, AC motor control, 4 timers, ADC, RTC, DMA
STR71XF STMICROELECTRONICS-STR71XF Datasheet
678Kb / 49P
   ARM7TDMI 16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR710F STMICROELECTRONICS-STR710F Datasheet
659Kb / 49P
   ARM7TDMI??16/32-BIT MCU WITH FLASH, USB, CAN 5 TIMERS, ADC, 10 COMMUNICATIONS INTERFACES
STR71XFXX STMICROELECTRONICS-STR71XFXX Datasheet
1Mb / 80P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN, 5 timers, ADC, 10 communication interfaces
April 2013 Rev 13
STR71XF STMICROELECTRONICS-STR71XF_07 Datasheet
1Mb / 77P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STRT71XF STMICROELECTRONICS-STRT71XF Datasheet
1Mb / 74P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
STR71XF STMICROELECTRONICS-STR71XF_08 Datasheet
1Mb / 78P
   ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com