Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SII1162 Datasheet(PDF) 1 Page - Silicon image

Part # SII1162
Description  PanelLink Transmitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII1162 Datasheet(HTML) 1 Page - Silicon image

  SII1162 Datasheet HTML 1Page - Silicon image SII1162 Datasheet HTML 2Page - Silicon image  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Applications
• PC Motherboards
• Graphics Boards
• Notebook PCs
DDC (I2C)
Clock
Pixel data
DE
Channels 0, 1, 2
Clock Channel
Host
(PC, Graphics Board)
Display
(LCD Monitor, Projector, Plasma Display)
SiI 1162
PanelLink
Transmitter
Digital
Display
VSYNC
HSYNC
Video
Source
Clock
Pixel data
DE
VSYNC
HSYNC
SiI DVI
PanelLink
Receiver
SiI 1162
PanelLink Transmitter
SiI 1162 DVI-compliant “eye” diagram
measured at 200 MHz.
The SiI 1162 is a DVI-compliant transmitter incorporating next-
generation PanelLink® technology to support the full DVI bandwidth
of 25 to 165 MHz. As a result, the SiI 1162 supports LCD monitors
and projectors with resolutions that range from VGA to UXGA
(1600 x 1200). Three TMDSTM data channels for RGB send data at up
to 1.65 Gbps per channel. The SiI 1162 incorporates an industry-
standard 12-bit (1/2 pixel per clock edge) interface for true color
(16.7 million) support. Built-in flexibility enables customers to use
pins to configure settings or the I2C interface to program registers.
The SiI 1162 is available in a low-cost, easier-to-use, 48-pin TSSOP
package with a 40% smaller footprint compared to other discrete
DVI transmitters. By incorporating the most advanced PanelLink DVI
technology available today, the SiI 1162 transmitter brings higher
performance and guaranteed compatibility to your DVI applications
while enabling faster time to market, smaller form factor designs and
lower system costs.
DVI-compliant Quality
The DVI 1.0 specification defines the precise system-level signaling at the output of a DVI
transmitter system and at the input of a DVI receiver system. As a result, any DVI-compliant
host will always interoperate with any DVI-compliant display. The most comprehensive
method to determine the quality and compliance of a DVI transmitter is to measure the TMDS
“eye” diagram as defined by the DVI 1.0 specification and the DVI Test & Measurement Guide.
Only high-performance PanelLink DVI transmitters, such as the SiI 1162, yield consistently
robust differential signal “eyes” that exceed the minimum “eye” width & height requirements of
the DVI specification at the full DVI bandwidth of 25-165 MHz.


Similar Part No. - SII1162

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII1160 SILICONIMAGE-SII1160 Datasheet
944Kb / 33P
   PanelLink Transmitter
SII1160CTU SILICONIMAGE-SII1160CTU Datasheet
944Kb / 33P
   PanelLink Transmitter
SII1161 SILICONIMAGE-SII1161 Datasheet
378Kb / 46P
   PanelLink Receiver
SII1161CT100 SILICONIMAGE-SII1161CT100 Datasheet
378Kb / 46P
   PanelLink Receiver
SII1161CTU SILICONIMAGE-SII1161CTU Datasheet
378Kb / 46P
   PanelLink Receiver
More results

Similar Description - SII1162

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII1160 SILICONIMAGE-SII1160 Datasheet
944Kb / 33P
   PanelLink Transmitter
SII9190 SILICONIMAGE-SII9190 Datasheet
143Kb / 2P
   PanelLink Transmitter
SII170B SILICONIMAGE-SII170B Datasheet
126Kb / 2P
   PanelLink Transmitter
SII9030 SILICONIMAGE-SII9030 Datasheet
164Kb / 2P
   PanelLink Transmitter
SII1172 SILICONIMAGE-SII1172 Datasheet
612Kb / 2P
   PanelLink Transmitter
logo
List of Unclassifed Man...
SII150A ETC-SII150A Datasheet
73Kb / 6P
   PanelLink Digital Transmitter
logo
Silicon image
SII164CTG64 SILICONIMAGE-SII164CTG64 Datasheet
316Kb / 34P
   SiI 164 PanelLink Transmitter
1364ADD2 SILICONIMAGE-1364ADD2 Datasheet
2Mb / 2P
   Featuring the SiI 1364 PanelLink Transmitter
SII164 SILICONIMAGE-SII164 Datasheet
471Kb / 33P
   Transmitter uses PanelLink Digital technology
SII9993-35-IP SILICONIMAGE-SII9993-35-IP Datasheet
158Kb / 2P
   PanelLink Receiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com