Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLS4D28NP-6R8NC Datasheet(PDF) 1 Page - Sumida Corporation

Part # CLS4D28NP-6R8NC
Description  Power Inductor & 2 in 1 Transformer < CLS Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CLS4D28NP-6R8NC Datasheet(HTML) 1 Page - Sumida Corporation

  CLS4D28NP-6R8NC Datasheet HTML 1Page - Sumida Corporation CLS4D28NP-6R8NC Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Inductor & 2 in 1 Transformer < CLS Series>
Type: CLS4D28
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
Product Description
6.5×4.8 mm Max.(L×W), 3.0mm Max. Height.
4 Terminal pins’ type gives a flexible design as inductors or transformers
(SEPIC,ZETA circuit).
Custom design is available.
Feature
Magnetically shielded construction.
Max. Operating frequency 1MHz, Max. Operating power 2.5W.
Ideally used in the power supply for DSC、Note PC、DVC and W-LED backlight.
RoHS Compliance
Dimensions (mm)
Schematics (Bottom)
Land Pattern (mm)
“ S” indicates winding start.
3.1
1.5
電極部
4.8
MAX.3.0
4.5
2.6


Similar Part No. - CLS4D28NP-6R8NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS4D28B SUMIDA-CLS4D28B Datasheet
304Kb / 3P
   2 in 1 Inductor & 3 in 1 Inductor
CLS4D28B SUMIDA-CLS4D28B Datasheet
116Kb / 4P
   Power Inductor & 2 in 1 Transformer
CLS4D28B SUMIDA-CLS4D28B Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
CLS4D28B-100NB SUMIDA-CLS4D28B-100NB Datasheet
116Kb / 4P
   Power Inductor & 2 in 1 Transformer
CLS4D28B-100NC SUMIDA-CLS4D28B-100NC Datasheet
116Kb / 4P
   Power Inductor & 2 in 1 Transformer
More results

Similar Description - CLS4D28NP-6R8NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CLS8D28 SUMIDA-CLS8D28_1 Datasheet
42Kb / 2P
   Power Inductor & 2 in 1 Transformer < CLS Series>
CLS6D28 SUMIDA-CLS6D28_1 Datasheet
142Kb / 1P
   2 in 1 Power Transformer < SMD Type: CLS Series>
CLS62 SUMIDA-CLS62 Datasheet
125Kb / 1P
   2 in 1 Power Transformer < SMD Type: CLS Series>
CLS8D28 SUMIDA-CLS8D28 Datasheet
140Kb / 1P
   2 in 1 Power Transformer < SMD Type: CLS Series>
CLS4D09 SUMIDA-CLS4D09_10 Datasheet
123Kb / 2P
   Power Inductor& 2 in 1 Transformer
CLS4D23B SUMIDA-CLS4D23B Datasheet
202Kb / 4P
   Power Inductor & 2 in 1 Transformer
CLS4D14 SUMIDA-CLS4D14_07 Datasheet
46Kb / 2P
   Power Inductor & 2 in 1 Transformer
CLS4D11 SUMIDA-CLS4D11_07 Datasheet
42Kb / 2P
   Power Inductor & 2 in 1 Transformer
CLS4D09 SUMIDA-CLS4D09_07 Datasheet
39Kb / 2P
   Power Inductor& 2 in 1 Transformer
CLS4D18 SUMIDA-CLS4D18 Datasheet
40Kb / 2P
   Power Inductor & 2 in 1 Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com