Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SII9134 Datasheet(PDF) 1 Page - Silicon image

Part # SII9134
Description  VastLane??HDMI Transmitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII9134 Datasheet(HTML) 1 Page - Silicon image

  SII9134 Datasheet HTML 1Page - Silicon image SII9134 Datasheet HTML 2Page - Silicon image  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VastLaneHDMI Transmitter
HDMI 1.3 Transmitter with Deep Color, High Bit-Rate HD Audio Support
Silicon Image introduces the latest high-performance HDMI transmitter in their VastLane
product family. The SiI9134 supports HDMI 1.3 and provides advances in performance and
functionality well beyond other digital interface products on the market. As a founding
developer of the HDMI specification, Silicon Image continues to develop leading-edge
products that deliver digital quality to mass-market home theater systems.
SiI9134
Applications
• DVD players and
recorders
• A/V receivers
• Digital set-top
boxes
• PVRs
• D-VHS
Key Features
• Compatible with
HDMI 1.3
specification
• Supports 1080p
resolution at 60Hz
and 36-bit color
depth
• Built-in HDCP
encryption engine
Product Brief
The SiI9134 is an advanced HDMI 1.3 transmit-
ter designed for next generation Blu-Ray and
HD-DVD players and recorders that require
high-definition audio and Deep Color capabili-
ties. SiI9134 supports up to 1080p resolution at
60Hz and 36-bit color depth and Dolby
® True
HD and DTS-HD high bit-rate audio formats to
deliver a rich digital video and audio experience.
SiI9134 will fit directly into home theater prod-
ucts such as DVD players and recorders, A/V
receivers, digital set-top boxes and personal
video recorders (PVRs). The SiI9134 is back-
ward compatible with first and second genera-
tion HDMI transmitters. To reduce system cost,
the SiI9134 includes an additional I
2C master
port to control the DDC bus.
In addition to supporting advanced HDMI 1.3
video features, the SiI9134 supports DVD audio
with 7.1-surround at 192kHz, SACD audio stan-
dards, and stereo audio at 192kHz.
The built-in High-bandwidth Digital Content
Protection (HDCP) encryption engine secures
the digital link for transmission of valuable
high-definition video and audio. Each SiI9134 is
pre-programmed with unique HDCP keys, pro-
viding an extremely high level of security while
reducing manufacturing complexity and cost.
SiI 9134 System Diagram


Similar Part No. - SII9134

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SII9134 ETC2-SII9134 Datasheet
870Kb / 2P
   HDMI 1.3 Transmitter with Deep Color, High Bit-Rate HD Audio Support
SII9134CBHU ETC2-SII9134CBHU Datasheet
870Kb / 2P
   HDMI 1.3 Transmitter with Deep Color, High Bit-Rate HD Audio Support
More results

Similar Description - SII9134

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII9024 SILICONIMAGE-SII9024 Datasheet
208Kb / 2P
   VastLane HDMI Transmitter
SII1392 SILICONIMAGE-SII1392 Datasheet
251Kb / 2P
   VastLane??HDMI Transmitter
SII9034 SILICONIMAGE-SII9034 Datasheet
187Kb / 2P
   VastLane??HDMI Transmitter
SII1932 SILICONIMAGE-SII1932 Datasheet
250Kb / 2P
   VastLane??HDMI Transmitter
SII9022 SILICONIMAGE-SII9022 Datasheet
229Kb / 2P
   VastLane??HDMI Transmitter
SII9204 SILICONIMAGE-SII9204 Datasheet
211Kb / 2P
   VastLane HDMI Transmitter PHY
SII9206 SILICONIMAGE-SII9206 Datasheet
220Kb / 2P
   VastLane HDMI / MHL Transmitter PHY
SII9125 SILICONIMAGE-SII9125 Datasheet
255Kb / 2P
   VastLane??HDMI Receiver
SII9185 SILICONIMAGE-SII9185 Datasheet
240Kb / 2P
   VastLane??HDMI Switch
SII9233 SILICONIMAGE-SII9233 Datasheet
240Kb / 2P
   VastLane HDMI Receiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com