Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54LV4051A Datasheet(PDF) 4 Page - Texas Instruments

Part # SN54LV4051A
Description  8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54LV4051A Datasheet(HTML) 4 Page - Texas Instruments

  SN54LV4051A_08 Datasheet HTML 1Page - Texas Instruments SN54LV4051A_08 Datasheet HTML 2Page - Texas Instruments SN54LV4051A_08 Datasheet HTML 3Page - Texas Instruments SN54LV4051A_08 Datasheet HTML 4Page - Texas Instruments SN54LV4051A_08 Datasheet HTML 5Page - Texas Instruments SN54LV4051A_08 Datasheet HTML 6Page - Texas Instruments SN54LV4051A_08 Datasheet HTML 7Page - Texas Instruments SN54LV4051A_08 Datasheet HTML 8Page - Texas Instruments SN54LV4051A_08 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SN54LV4051A, SN74LV4051A
8CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SCLS428H − MAY 1999 − REVISED APRIL 2005
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST
VCC
TA = 25°C
SN54LV4051A
SN74LV4051A
UNIT
PARAMETER
TEST
CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
On-state
IT = 2 mA,
V = V
or GND,
2.3 V
38
180
225
225
ron
On-state
switch resistance
IT = 2 mA,
VI = VCC or GND,
VINH = VIL
3 V
30
150
190
190
ron
switch resistance
VINH = VIL
(see Figure 1)
4.5 V
22
75
100
100
IT = 2 mA,
2.3 V
113
500
600
600
ron(p)
Peak on-state resistance
IT = 2 mA,
VI = VCC to GND,
V
= V
3 V
54
180
225
225
ron(p)
Peak on-state resistance
VI = VCC to GND,
VINH = VIL
4.5 V
31
100
125
125
Difference in
IT = 2 mA,
2.3 V
2.1
30
40
40
∆ron
Difference in
on-state resistance
between switches
IT = 2 mA,
VI = VCC to GND,
V
= V
3 V
1.4
20
30
30
∆ron
on-state resistance
between switches
VI = VCC to GND,
VINH = VIL
4.5 V
1.3
15
20
20
II
Control input current
VI = 5.5 V or GND
0 to
5.5 V
±0.1
±1
±1
µA
IS(off)
Off-state switch
leakage current
VI = VCC and
VO = GND, or
VI = GND and
VO = VCC,
VINH = VIH
(see Figure 2)
5.5 V
±0.1
±1
±1
µA
IS(on)
On-state switch
leakage current
VI = VCC or GND,
VINH = VIL
(see Figure 3)
5.5 V
±0.1
±1
±1
µA
ICC
Supply current
VI = VCC or GND
5.5 V
20
20
µA
CIC
Control input capacitance
f = 10 MHz
3.3 V
2
pF
CIS
Common
terminal capacitance
3.3 V
23.4
pF
COS
Switch terminal capacitance
3.3 V
5.7
pF
CF
Feedthrough capacitance
3.3 V
0.5
pF
switching characteristics over recommended operating free-air temperature range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted)
PARAMETER
FROM
TO
TEST
TA = 25°C
SN54LV4051A
SN74LV4051A
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST
CONDITIONS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
tPHL
Propagation
delay time
COM or Yn
Yn or COM
CL = 15 pF,
(see Figure 4)
1.9
10
16
16
ns
tPZH
tPZL
Enable
delay time
INH
COM or Yn
CL = 15 pF,
(see Figure 5)
6.6
18
23
23
ns
tPHZ
tPLZ
Disable
delay time
INH
COM or Yn
CL = 15 pF,
(see Figure 5)
7.4
18
23
23
ns
tPLH
tPHL
Propagation
delay time
COM or Yn
Yn or COM
CL = 50 pF,
(see Figure 5)
3.8
12
18
18
ns
tPZH
tPZL
Enable
delay time
INH
COM or Yn
CL = 50 pF,
(see Figure 5)
7.8
28
35
35
ns
tPHZ
tPLZ
Disable
delay time
INH
COM or Yn
CL = 50 pF,
(see Figure 5)
11.5
28
35
35
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Similar Part No. - SN54LV4051A_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV4051A TI-SN54LV4051A_07 Datasheet
690Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLESERS/DEMULTIPLEXERS
More results

Similar Description - SN54LV4051A_08

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4051 UTC-4051_12 Datasheet
260Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4051A TI-SN54LV4051A_10 Datasheet
905Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4051A TI-SN54LV4051A Datasheet
548Kb / 19P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
4051 UTC-4051_07 Datasheet
164Kb / 7P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4051A_101 TI-SN54LV4051A_101 Datasheet
802Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
4051 UTC-4051 Datasheet
125Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051 UTC-4051_15 Datasheet
333Kb / 8P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051 UTC-4051_18 Datasheet
216Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN74LV4051A TI1-SN74LV4051A_15 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel Analog Multiplexers and Demultiplexers
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com