Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV4051ADGVR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV4051ADGVR
Description  8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV4051ADGVR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LV4051ADGVR Datasheet HTML 1Page - Texas Instruments SN74LV4051ADGVR Datasheet HTML 2Page - Texas Instruments SN74LV4051ADGVR Datasheet HTML 3Page - Texas Instruments SN74LV4051ADGVR Datasheet HTML 4Page - Texas Instruments SN74LV4051ADGVR Datasheet HTML 5Page - Texas Instruments SN74LV4051ADGVR Datasheet HTML 6Page - Texas Instruments SN74LV4051ADGVR Datasheet HTML 7Page - Texas Instruments SN74LV4051ADGVR Datasheet HTML 8Page - Texas Instruments SN74LV4051ADGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SN54LV4051A, SN74LV4051A
8CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SCLS428H − MAY 1999 − REVISED APRIL 2005
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 5.5-V VCC Operation
D Support Mixed-Mode Voltage Operation on
All Ports
D High On-Off Output-Voltage Ratio
D Low Crosstalk Between Switches
D Individual Switch Controls
D Extremely Low Input Current
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
These 8-channel CMOS analog multiplexers/
demultiplexers are designed for 2-V to 5.5-V VCC
operation.
The ’LV4051A devices handle both analog and
digital signals. Each channel permits signals with
amplitudes up to 5.5 V (peak) to be transmitted in
either direction.
Applications include signal gating, chopping,
modulation or demodulation (modem), and signal
multiplexing for analog-to-digital and digital-to-
analog conversion systems.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube of 25
SN74LV4051AN
SN74LV4051AN
QFN − RGY
Reel of 1000
SN74LV4051ARGYR
LW051A
SOIC − D
Tube of 40
SN74LV4051AD
LV4051A
SOIC − D
Reel of 2500
SN74LV4051ADR
LV4051A
−40
°C to 85°C
SOP − NS
Reel of 2000
SN74LV4051ANSR
74LV4051A
−40
°C to 85°C
SSOP − DB
Reel of 2000
SN74LV4051ADBR
LW051A
Tube of 90
SN74LV4051APW
TSSOP − PW
Reel of 2000
SN74LV4051APWR
LW051A
TSSOP − PW
Reel of 250
SN74LV4051APWT
LW051A
TVSOP − DGV
Reel of 2000
SN74LV4051ADGVR
LW051A
−55
°C to 125°C
CDIP − J
Tube of 25
SNJ54LV4051AJ
SNJ54LV4051AJ
−55
°C to 125°C
CFP − W
Tube of 150
SNJ54LV4051AW
SNJ54LV4051AW
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2005, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Y4
Y6
COM
Y7
Y5
INH
GND
GND
VCC
Y2
Y1
Y0
Y3
A
B
C
SN54LV4051A ...J OR W PACKAGE
SN74LV4051A . . . D, DB, DGV, N, NS, OR PW PACKAGE
(TOP VIEW)
SN74LV4051A . . . RGY PACKAGE
(TOP VIEW)
116
89
2
3
4
5
6
7
15
14
13
12
11
10
Y2
Y1
Y0
Y3
A
B
Y6
COM
Y7
Y5
INH
GND


Similar Part No. - SN74LV4051ADGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4051ADGVR TI-SN74LV4051ADGVR Datasheet
548Kb / 19P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4051ADGVR TI-SN74LV4051ADGVR Datasheet
690Kb / 21P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLESERS/DEMULTIPLEXERS
SN74LV4051ADGVR TI-SN74LV4051ADGVR Datasheet
905Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4051ADGVR TI-SN74LV4051ADGVR Datasheet
802Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN74LV4051ADGVR TI1-SN74LV4051ADGVR Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel Analog Multiplexers and Demultiplexers
More results

Similar Description - SN74LV4051ADGVR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4051 UTC-4051_12 Datasheet
260Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4051A TI-SN54LV4051A_10 Datasheet
905Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4051A TI-SN54LV4051A Datasheet
548Kb / 19P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
4051 UTC-4051_07 Datasheet
164Kb / 7P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN54LV4051A_101 TI-SN54LV4051A_101 Datasheet
802Kb / 23P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
4051 UTC-4051 Datasheet
125Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051 UTC-4051_15 Datasheet
333Kb / 8P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051 UTC-4051_18 Datasheet
216Kb / 6P
   8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN74LV4051A TI1-SN74LV4051A_15 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel Analog Multiplexers and Demultiplexers
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
   Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com