Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC31B Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC31B
Description  CMOS Temperature Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC31B Datasheet(HTML) 5 Page - Torex Semiconductor

  XC31B_1 Datasheet HTML 1Page - Torex Semiconductor XC31B_1 Datasheet HTML 2Page - Torex Semiconductor XC31B_1 Datasheet HTML 3Page - Torex Semiconductor XC31B_1 Datasheet HTML 4Page - Torex Semiconductor XC31B_1 Datasheet HTML 5Page - Torex Semiconductor XC31B_1 Datasheet HTML 6Page - Torex Semiconductor XC31B_1 Datasheet HTML 7Page - Torex Semiconductor XC31B_1 Datasheet HTML 8Page - Torex Semiconductor XC31B_1 Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
XC31B
Series
■TYPICAL PERFORMANCE CHARACTERISTICS
(1) Output Voltage vs. Ambient Temperature
(2) Supply Current vs. Ambient Temperature
(3) Output Voltage vs. Input Voltage
XC31BPN20A
(2.0V)
XC31BPN40A
(4.0V)
XC31BPN20A
(2.0V)
XC31BPN40A
(4.0V)
XC31BPN20A
(2.0V)
XC31BPN40A
(4.0V)
2.1


Similar Part No. - XC31B_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC31BPN20AML TOREX-XC31BPN20AML Datasheet
154Kb / 7P
   CMOS Temperature Sensor
XC31BPN20AMR TOREX-XC31BPN20AMR Datasheet
154Kb / 7P
   CMOS Temperature Sensor
XC31BPN30AML TOREX-XC31BPN30AML Datasheet
154Kb / 7P
   CMOS Temperature Sensor
XC31BPN30AMR TOREX-XC31BPN30AMR Datasheet
154Kb / 7P
   CMOS Temperature Sensor
More results

Similar Description - XC31B_1

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC31B TOREX-XC31B Datasheet
154Kb / 7P
   CMOS Temperature Sensor
logo
Seiko Instruments Inc
S8110C SII-S8110C Datasheet
486Kb / 23P
   CMOS TEMPERATURE SENSOR IC
S-58LM20A SII-S-58LM20A Datasheet
509Kb / 27P
   CMOS TEMPERATURE SENSOR IC
S-8110C SII-S-8110C Datasheet
324Kb / 21P
   CMOS TEMPERATURE SENSOR IC
S-5815A SII-S-5815A Datasheet
240Kb / 16P
   CMOS TEMPERATURE SENSOR IC
S-5813A SII-S-5813A Datasheet
183Kb / 18P
   CMOS TEMPERATURE SENSOR IC
S58LM20A SII-S58LM20A Datasheet
538Kb / 28P
   CMOS TEMPERATURE SENSOR IC
S5813A SII-S5813A Datasheet
440Kb / 19P
   CMOS TEMPERATURE SENSOR IC
logo
Nippon Precision Circui...
SM6610AH NPC-SM6610AH Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
SM6610 NPC-SM6610 Datasheet
106Kb / 7P
   CMOS Monolithic Analog Output Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com