Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC31BPN60ADL Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC31BPN60ADL
Description  CMOS Temperature Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC31BPN60ADL Datasheet(HTML) 2 Page - Torex Semiconductor

  XC31BPN60ADL Datasheet HTML 1Page - Torex Semiconductor XC31BPN60ADL Datasheet HTML 2Page - Torex Semiconductor XC31BPN60ADL Datasheet HTML 3Page - Torex Semiconductor XC31BPN60ADL Datasheet HTML 4Page - Torex Semiconductor XC31BPN60ADL Datasheet HTML 5Page - Torex Semiconductor XC31BPN60ADL Datasheet HTML 6Page - Torex Semiconductor XC31BPN60ADL Datasheet HTML 7Page - Torex Semiconductor XC31BPN60ADL Datasheet HTML 8Page - Torex Semiconductor XC31BPN60ADL Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2/9
XC31B Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
Polarity of Output Voltage
P
: + (Positive)
Temperature Coefficient
N
: - (Negative)
③ ④
Output Voltage (25
℃)
20~60
: e.g. 20=2.0V, 30=3.0V
Revision Character
A ~
: -
M
: SOT-25 (SOT-23-5)
Package
D
: USP-6B
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
−0.3 ∼ 12
V
Output Voltage
VOUT
−0.3 ∼ 12
V
CE Pin Voltage
VCE
−0.3 ∼ VIN+0.3
V
Output Current
IOUT
20
mA
SOT-25
150
Power Dissipation
USP-6B
Pd
100
mW
Operating Temperature Range
Topr
−40 ∼ +85
Storage Temperature Range
Tstg
−40 ∼ +125
■PRODUCT CLASSIFICATION
●Ordering Information
XC31B
①②③④⑤⑥⑦
■BLOCK DIAGRAM
■ABSOLUTE MAXIMUM RATINGS
Ta=25
℃,VSS=0V


Similar Part No. - XC31BPN60ADL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC31BPN20AML TOREX-XC31BPN20AML Datasheet
154Kb / 7P
   CMOS Temperature Sensor
XC31BPN20AMR TOREX-XC31BPN20AMR Datasheet
154Kb / 7P
   CMOS Temperature Sensor
XC31BPN30AML TOREX-XC31BPN30AML Datasheet
154Kb / 7P
   CMOS Temperature Sensor
XC31BPN30AMR TOREX-XC31BPN30AMR Datasheet
154Kb / 7P
   CMOS Temperature Sensor
More results

Similar Description - XC31BPN60ADL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC31B TOREX-XC31B Datasheet
154Kb / 7P
   CMOS Temperature Sensor
logo
Seiko Instruments Inc
S8110C SII-S8110C Datasheet
486Kb / 23P
   CMOS TEMPERATURE SENSOR IC
S-58LM20A SII-S-58LM20A Datasheet
509Kb / 27P
   CMOS TEMPERATURE SENSOR IC
S-8110C SII-S-8110C Datasheet
324Kb / 21P
   CMOS TEMPERATURE SENSOR IC
S-5815A SII-S-5815A Datasheet
240Kb / 16P
   CMOS TEMPERATURE SENSOR IC
S-5813A SII-S-5813A Datasheet
183Kb / 18P
   CMOS TEMPERATURE SENSOR IC
S58LM20A SII-S58LM20A Datasheet
538Kb / 28P
   CMOS TEMPERATURE SENSOR IC
S5813A SII-S5813A Datasheet
440Kb / 19P
   CMOS TEMPERATURE SENSOR IC
logo
Nippon Precision Circui...
SM6610AH NPC-SM6610AH Datasheet
84Kb / 6P
   CMOS Monolithic Temperature Sensor IC
SM6610 NPC-SM6610 Datasheet
106Kb / 7P
   CMOS Monolithic Analog Output Temperature Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com