Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC25BS6512WT Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC25BS6512WT
Description  Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC25BS6512WT Datasheet(HTML) 1 Page - Torex Semiconductor

  XC25BS6512WT Datasheet HTML 1Page - Torex Semiconductor XC25BS6512WT Datasheet HTML 2Page - Torex Semiconductor XC25BS6512WT Datasheet HTML 3Page - Torex Semiconductor XC25BS6512WT Datasheet HTML 4Page - Torex Semiconductor XC25BS6512WT Datasheet HTML 5Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
XC25BS6 Series
Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
PIN
NUMBER
PIN
NAME
FUNCTIONS
1
/XT
Crystal Oscillator
Connection (Output)
2
VSS
Ground
3
Q0
Clock Output
4
CE
Stand-by Control *
5
VDD
Power Supply
6
XT
Crystal Oscillator
Connection (Input)
PAD DIMENSIONS
PIN
NUMBER
PIN
NAME
FUNCTIONS
X
Y
1
/XT
Crystal Oscillator
Connection (Output)
128.0
610.0
2
VSS
Ground
328.0
672.0
3
(NC)
No Connection
741.0
672.0
4
VSS
Ground
952.0
672.0
5
Q0
Clock Output
1172.0
672.0
6
VDD
Power Supply
1172.0
430.0
7
CE
Stand-by Control *
1172.0
189.0
8
XT
Crystal Oscillator
Connection (Input)
128.0
187.0
9
VDD
Power Supply
128.0
399.0
CE
Q0
‘H’
Clock Output
‘L’ or Open
High Impedance
GENERAL DESCRIPTION
The XC25BS6 is a low operating voltage, low current consumption series of CMOS ICs with built-in crystal oscillator and
divider circuits designed for clock generators. Oscillation capacitors Cg and Cd are externally set up. Output is selectable
from any one of the following values for f0:f0/1024, f0/512, f0/256, and f0/128. With oscillation feedback resistors built-in, it is
possible to configure a stable fundamental oscillator using about 10pF of external oscillation capacitor and an external crystal.
The series has a stand-by function. The oscillation completely stops in the stand-by state and output will be one of
high-impedance.
APPLICATIONS
Crystal oscillation modules
Clocks for micro-computers, DSPs, etc.
Communication equipment
Various system clocks
Clock time-base
PIN CONFIGURATION
PIN ASSIGNMENT
FEATURES
Oscillation Frequency : 2MHz~36MHz (fundamental)
-Oscillation feedback resistor built-in
-External oscillation capacitor
Divider Ratio
: f0/1024, f0/512, f0/256, f0/128
Output
: 3-State
Operating Supply Voltage Range
: 2.3~4.0V
Supply Current
: 0.5μA (MAX.) when stand-by mode
Chip Form
: Chip size 1.3×0.8mm
CMOS Low Power Consumption
Low Operating Supply Voltage
: 2.3V (MIN.)
Output Frequency
: 32.768kHz
Package
: SOT-26
VDD
Q0
CE
XT
/XT
VSS
VSS
(NC)
VDD
(1300,800)
(0,0)
PAD LAYOUT FOR CHIP FORM
PAD LOCATIONS
CE, Q0 PIN FUNCTION
Counter
VDD
/XT
XT
VSS
Q0
CE
BLOCK DIAGRAM
*The stand-by control pin (pin #4) has a pull-down resistor built-in.
*The stand-by control pin (pin #4) has a pull-down resistor built-in.
Note)
There are two VSS
pads and two VDD
pads. Please connect
both VSS pads to
GND, and connect both
VDD pads to a power
supply.
Chip Size
:1300×800μm
Chip Thickness :280±20μm
Chip Back
:VDD level
Pad Aperture
:88×88μm
(Unit:μm)
SOT-26
(TOP VIEW)
ETR1503_001


Similar Part No. - XC25BS6512WT

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS6512WT TOREX-XC25BS6512WT Datasheet
57Kb / 4P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
More results

Similar Description - XC25BS6512WT

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS6 TOREX-XC25BS6 Datasheet
57Kb / 4P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
XC25BS5 TOREX-XC25BS5_12 Datasheet
305Kb / 12P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7 Datasheet
289Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7_1 Datasheet
307Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8 TOREX-XC25BS8 Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8 TOREX-XC25BS8_1 Datasheet
597Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS5 TOREX-XC25BS5 Datasheet
191Kb / 8P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits (For Low Frequency range)
XC25BS5_002 TOREX-XC25BS5_002 Datasheet
477Kb / 10P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
logo
Rohm
BU2365FV ROHM-BU2365FV Datasheet
311Kb / 6P
   Clock Generator With Built-in VCXO
logo
Texas Instruments
CDCS502 TI-CDCS502 Datasheet
353Kb / 11P
[Old version datasheet]   Crystal Oscillator / Clock Generator with optional SSC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com