Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2311V3B0SR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC2311V3B0SR
Description  VCXO ICs with Built-in Variable Capacitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2311V3B0SR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC2311V3B0SR Datasheet HTML 1Page - Torex Semiconductor XC2311V3B0SR Datasheet HTML 2Page - Torex Semiconductor XC2311V3B0SR Datasheet HTML 3Page - Torex Semiconductor XC2311V3B0SR Datasheet HTML 4Page - Torex Semiconductor XC2311V3B0SR Datasheet HTML 5Page - Torex Semiconductor XC2311V3B0SR Datasheet HTML 6Page - Torex Semiconductor XC2311V3B0SR Datasheet HTML 7Page - Torex Semiconductor XC2311V3B0SR Datasheet HTML 8Page - Torex Semiconductor XC2311V3B0SR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
XC2311
Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
VCXO product
V
: Fixed number
2
: 16MHz ~ 36MHz
Oscillation Frequency
3
: 30MHz ~ 50MHz
-
B
: Fixed number
-
0
: Fixed number
S
: SOP-8
M
: SOT-26
E
: USP-6C
Package
C
: Chip form
R
: Embossed tape, standard feed
L
: Embossed tape, reverse feed
Device Orientation
T
: Chip tray
■PRODUCT INFORMATION
●Ordering Information
XC2311
①②③④⑤⑥


Similar Part No. - XC2311V3B0SR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2311V3B0 TOREX-XC2311V3B0 Datasheet
274Kb / 11P
   Communication equipment
More results

Similar Description - XC2311V3B0SR

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5073 NPC-SM5073 Datasheet
108Kb / 14P
   VCXO ICs with Built-in Varicap
CF5073 NPC-CF5073 Datasheet
105Kb / 14P
   VCXO Module ICs with Built-in Varicap
logo
Rohm
BU2365FV ROHM-BU2365FV Datasheet
311Kb / 6P
   Clock Generator With Built-in VCXO
logo
Nippon Precision Circui...
5075 NPC-5075 Datasheet
308Kb / 14P
   VCXO Module IC with Built-in Varicap
5076 NPC-5076 Datasheet
284Kb / 13P
   VCXO Module IC with Built-in Varicap
CF5074A NPC-CF5074A Datasheet
84Kb / 9P
   VCXO Module IC with Built-in Varicap
logo
Torex Semiconductor
XC2173 TOREX-XC2173 Datasheet
160Kb / 8P
   ICs for use with Crystal Oscillators (PLL built-in)
logo
Rohm
BD8132FV ROHM-BD8132FV_09 Datasheet
601Kb / 21P
   High-precision Gamma Correction ICs with built-in DAC
logo
Torex Semiconductor
XC2173-12 TOREX-XC2173-12 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
XC2173 TOREX-XC2173_1 Datasheet
222Kb / 10P
   ICs for use with Crystal Oscillators (PLL built - in)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com