Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2165C28BCT Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC2165C28BCT
Description  ICs for use with low voltage Crystal Oscillators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2165C28BCT Datasheet(HTML) 1 Page - Torex Semiconductor

  XC2165C28BCT Datasheet HTML 1Page - Torex Semiconductor XC2165C28BCT Datasheet HTML 2Page - Torex Semiconductor XC2165C28BCT Datasheet HTML 3Page - Torex Semiconductor XC2165C28BCT Datasheet HTML 4Page - Torex Semiconductor XC2165C28BCT Datasheet HTML 5Page - Torex Semiconductor XC2165C28BCT Datasheet HTML 6Page - Torex Semiconductor XC2165C28BCT Datasheet HTML 7Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
XC2165 Series
ICs for use with low voltage Crystal Oscillators
PIN NUMBER
PIN NAME
FUNCTION
1
/ INH
Stand-by Control *
2
XT
Crystal Oscillator Connection
(Input)
3
VSS
Ground
4
Q0
Clock Output
5
VDD
Power Supply
6
/XT
Crystal Oscillator Connection
(Output)
APPLICATIONS
Crystal oscillation modules
Micro computers, DSP clocks
Communication equipment
Various system clocks
Cellular and portable phones
GENERAL DESCRIPTION
The XC2165 series are CMOS ICs operates from supply voltage range from 1.5V to 3.6V with built-in crystal oscillator and
divider circuits.
Output is selectable from any one of the following values for f0: f0/1, f0/2, f0/4, f0/8.
With oscillation capacitors and a feedback resistor built-in, it is possible to configure a stable fundamental oscillator using only
an external crystal.
In stand-by mode, oscillation stops completely and output pin Q0 becomes in the state of high impedance.
The XC2165 series are integrated into SOT-26 packages.
The series is also available in chip form.
resistance and ultra high-speed switching characteristics.
Two FET devices are built into the one package.
Because high-speed switching is possible, the IC can be efficiently set thereby saving energy.
The small SOP-8 package makes high density mounting possible.
FEATURES
Oscillation Frequency
: C2xA series
8MHz ~ 70MHz (Fundamental)
: C2xB series
16MHz ~ 120MHz (Fundamental)
Divider Ratio
: Selectable from f0/1, f0/2, f0/4, f0/8
Output
: 3-State
Operating Voltage Range : 1.5V ~ 3.6V
(C21B series: 1.8V ~ 3.6V)
Low Current Consumption: Stand-by function included
30μA (MAX.) when stand-by
Chip Form (size)
: 800×1200μm
Built-in Capacitors Cg, Cd
Built-in Feedback Resistor
Ultra Small Package
: SOT-26
PIN CONFIGURATION
6
5
4
3
2
1
VSS
XT
/INH
Q0
VDD
/XT
PIN ASSIGNMENT
SOT-26 (TOP VIEW)
Preliminary
* Pull-up resistor is built-in to the stand-by control pin.
ETR1407_001


Similar Part No. - XC2165C28BCT

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2165C28B TOREX-XC2165C28B Datasheet
228Kb / 6P
   ICs for use with low voltage Crystal Oscillators
XC2165C28BMR TOREX-XC2165C28BMR Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2165C28BMR-G TOREX-XC2165C28BMR-G Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2165C28BXX TOREX-XC2165C28BXX Datasheet
228Kb / 6P
   ICs for use with low voltage Crystal Oscillators
More results

Similar Description - XC2165C28BCT

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2165 TOREX-XC2165_12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2165 TOREX-XC2165_15 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2165 TOREX-XC2165 Datasheet
228Kb / 6P
   ICs for use with low voltage Crystal Oscillators
XC2165-12 TOREX-XC2165-12 Datasheet
131Kb / 8P
   ICs for use with low voltage Crystal Oscillators
XC2151 TOREX-XC2151 Datasheet
145Kb / 8P
   ICS FOR USE WITH CRYSTAL OSCILLATORS
XC2173 TOREX-XC2173_15 Datasheet
137Kb / 10P
   ICs for use with Crystal Oscillators
XC2164 TOREX-XC2164 Datasheet
69Kb / 8P
   ICs for use with Crystal Oscillators
XC2141_001 TOREX-XC2141_001 Datasheet
347Kb / 6P
   ICs for use with Crystal Oscillators
XC2141 TOREX-XC2141_1 Datasheet
394Kb / 5P
   ICs for use with Crystal Oscillators
XC2164_003 TOREX-XC2164_003 Datasheet
220Kb / 12P
   ICs for use with Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com