Electronic Components Datasheet Search |
|
XC6203P18AMR Datasheet(PDF) 5 Page - Torex Semiconductor |
|
XC6203P18AMR Datasheet(HTML) 5 Page - Torex Semiconductor |
5 / 20 page 5/20 XC6203 Series PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS Output Voltage VOUT(E) (*2) VIN=4V IOUT=40mA 2.940 3.000 3.060 V Maximum Output Current IOUTmax VIN=4V VOUT≧VOUT(E)×0.96 400 - - mA Load Regulation △VOUT VIN=4V 1mA≦IOUT≦200mA - 40 100 mV Vdif1 IOUT=100mA - 150 220 Dropout Voltage (*3) Vdif2 IOUT=200mA - 300 420 mV Supply Current ISS VIN=4V - 8.0 16.0 μA Line Regulation △VOUT △VIN・△VOUT IOUT=40mA 4V≦VIN≦8.0V - 0.2 0.3 %/V Input Voltage VIN - - 8.0 V Output Voltage Temperature Characteristics △VOUT △Topr・VOUT IOUT=40mA -40℃≦Topr≦85℃ - ±100 - ppm /℃ Short-Circuit Current (XC6203P Series Only) IIim VIN=4V VOUT=0V - 60 - mA PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNITS Output Voltage VOUT(E) (*2) VIN=4.3V IOUT=40mA 2.940 3.300 3.366 V Maximum Output Current IOUTmax VIN=4.3V VOUT≧VOUT(E)×0.96 400 - - mA Load Regulation △VOUT VIN=4.3V 1mA≦IOUT≦200mA - 40 100 mV Vdif1 IOUT=100mA - 150 220 Dropout Voltage (*3) Vdif2 IOUT=200mA - 300 420 mV Supply Current ISS VIN=4.3V - 8.0 16.0 μA Line Regulation △VOUT △VIN・△VOUT IOUT=40mA 4.3V≦VIN≦8.0V - 0.2 0.3 %/V Input Voltage VIN - - 8 V Output Voltage Temperature Characteristics △VOUT △Topr・VOUT IOUT=40mA -40℃≦Topr≦85℃ - ±100 - ppm /℃ Short-Circuit Current (XC6203P Series Only) IIim VIN=4.3V VOUT=0V - 60 - mA XC6203X302 VOUT(T) = 3.0V (*1) Ta=25℃ XC6203X332 VOUT(T) = 3.3V (*1) Ta=25℃ ■ELECTRICAL CHARACTERISTICS (Continued) NOTE: *1: VOUT(T) = Specified output voltage. *2: VOUT(E) = Effective output voltage (i.e. the output voltage when “VOUT(T)+1.0V” is provided at the VIN pin while maintaining a certain IOUT value). *3: Vdif = VIN1 - VOUT1 *4: VOUT1 = A voltage equal to 98% of the output voltage when “VOUT (T) + 1.0V” is input. *5: VIN1 = The input voltage when VOUT1 appears as input voltage is gradually decreased. NOTE: *1: VOUT(T) = Specified output voltage. *2: VOUT(E) = Effective output voltage (i.e. the output voltage when “VOUT(T)+1.0V” is provided at the VIN pin while maintaining a certain IOUT value). *3: Vdif = VIN1 - VOUT1 *4: VOUT1 = A voltage equal to 98% of the output voltage when “VOUT (T) + 1.0V” is input. *5: VIN1 = The input voltage when VOUT1 appears as input voltage is gradually decreased. |
Similar Part No. - XC6203P18AMR |
|
Similar Description - XC6203P18AMR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |