Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6207A12AEL Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC6207A12AEL
Description  High Speed "Green Operation" LDO Voltage Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6207A12AEL Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6207A12AEL Datasheet HTML 6Page - Torex Semiconductor XC6207A12AEL Datasheet HTML 7Page - Torex Semiconductor XC6207A12AEL Datasheet HTML 8Page - Torex Semiconductor XC6207A12AEL Datasheet HTML 9Page - Torex Semiconductor XC6207A12AEL Datasheet HTML 10Page - Torex Semiconductor XC6207A12AEL Datasheet HTML 11Page - Torex Semiconductor XC6207A12AEL Datasheet HTML 12Page - Torex Semiconductor XC6207A12AEL Datasheet HTML 13Page - Torex Semiconductor XC6207A12AEL Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
10/32
XC6207Series
SETTING VOLTAGE
CIN (μF)
CL (μF)
More than 1.2V ~ Under 1.8V
1.0
4.7
More than 1.8V ~ Under 2.5V
1.0
1.0
More than 2.5V ~ Less than 5.0V
2.2
1.0
■OPERATIONAL EXPLANATION (Continued)
<Green Operation> (Continued)
● Load Transient Response by GO mode
○ GO mode (GO pin voltage: Low)
○ Fixed high speed mode via GO pin signal (GO pin voltage: Low to High)
Output Current: IOUT=0.1mA⇔100mA
Output Current: IOUT=0.1mA⇔100mA
○ GO mode (GO pin voltage: Low)
○ Fixed high speed mode via GO pin signal (GO pin voltage: Low to High)
Output Current: IOUT=0.1mA⇔5mA
Output Current: IOUT=0.1mA⇔5mA
<Low ESR capacitor>
With the XC6207 series, a stable output voltage is achievable even if used with low ESR capacitors, as a phase
compensation circuit is built-in. In order to ensure the effectiveness of the phase compensation, we suggest that an
output capacitor (CL) is connected as close as possible to the output pin (VOUT) and the VSS pin. Please use an output
capacitor with a capacitance value of at least 1μF when the setting output voltage (VOUT(T)) is less than or equal to 1.8V.
Also, when the setting output voltage (VOUT(T)) is less than or equal to 2.5V, please connect an input capacitor (CIN) of
2.2μF between the VIN pin and the VSS pin in order to ensure a stable power input. The capacitor is possible to
decrease depends on bias and temperature. Therefore the phase compensation cannot be ensured effectiveness.
Stable phase compensation may not be ensured if the capacitor runs out capacitance when depending on bias and
temperature. In case the capacitor depends on the bias and temperature, please make sure the capacitor can ensure
the actual capacitance.
<Recommended conditions of CIN and CL>
*Note: Input a “H” level signal to the GO pin before the output
current fluctuation (△T) occurs.


Similar Part No. - XC6207A12AEL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6207A12AEL TOREX-XC6207A12AEL Datasheet
712Kb / 30P
   CMOS Low Power Consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com