Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SII3726 Datasheet(PDF) 9 Page - Silicon image

Part # SII3726
Description  SATA Port Multiplier
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICONIMAGE [Silicon image]
Direct Link  http://www.siliconimage.com
Logo SILICONIMAGE - Silicon image

SII3726 Datasheet(HTML) 9 Page - Silicon image

Back Button SII3726 Datasheet HTML 5Page - Silicon image SII3726 Datasheet HTML 6Page - Silicon image SII3726 Datasheet HTML 7Page - Silicon image SII3726 Datasheet HTML 8Page - Silicon image SII3726 Datasheet HTML 9Page - Silicon image SII3726 Datasheet HTML 10Page - Silicon image SII3726 Datasheet HTML 11Page - Silicon image SII3726 Datasheet HTML 12Page - Silicon image SII3726 Datasheet HTML 13Page - Silicon image Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
SiI3726 SATA Port Multiplier
Data Sheet
Silicon Image, Inc.
© 2006 Silicon Image, Inc.
SiI-DS-0121-C1
9
High Speed Serial Interface Optimization
In order to accommodate different system environments, the port multiplier allows the designer to configure the
device PHYs to support various cable/PCB lengths on each serial I/O independently.
PHY Configuration Settings
Table 3 shows the configuration settings and description for each high-speed serial port.
Pre-emphasis and equalization are used to compensate the signal degradation due to increased cable lengths.
Without pre-emphasis or equalization, jitter at the receiver end will increase along with the increase of the cable
length, causing signal degradation and Bit Error Rate problems. The effect may depend on the system
environment. Factors such as cable quality, PCB implementation, receiver load, etc. all affect the signal quality.
Please consult with Silicon Image’s technical support department for more information.
Table 3: PHY Configuration Settings
Serial Port
Signal
Settings and Description
Host Port
HIO[2:0]
HIO[2:0] = 0b000 (Default). PC motherboard to device applications up to 1m internal
cable, external desktop up to 2m external cable ((2 Meter eSATA cable) or short
backplane up to 18 inch of FR4 (0.012 mil trace width with 1 oz copper)
HIO[2:0] = 0b001: Tx amplitude will be 100mV lager than 000 setting
HIO[2:0] = 0b010 – 0b100 (Reserved. please consult with Silicon Image technical support
for this detail): external desktop up to 4m external cable or short backplane up to 30 inch
of FR4 (0.012 mil trace width with 1 oz copper)
0b 010: Only pre-emphasis enabled
0b 011: Only equalization enabled
0b111: Both pre-emphasis and equalization enabled
HIO[2:0] = 0b101 – 0b111 (Reserved. Contact Silicon Image Technical Support for
details): external desktop longer than 4m external cable or short backplane longer than 30
inch of FR4 (0.012 mil trace width with 1 oz copper)
0b010: Only pre-emphasis enabled
0b011: Only equalization enabled
0b111: Both pre-emphasis and equalization enabled
Device #0
DAIO[1:0]
Device #1
DBIO[1:0]
Device #2
DCIO[1:0]
Device #3
DDIO[1:0]
Device #4
DEIO[1:0]
DxIO[1:0] = 0b00 (Default): PC motherboard to device applications up to 1m internal
cable, external desktop up to 2m external cable (2 Meter eSATA cable) or short
backplane up to 18 inch of FR4 (0.012 mil trace width with 1 oz copper)
DxIO[1:0] = 0b01: Tx amplitude will be 100mV lager than 00 setting
DxIO[1:0] = 0b10 (Reserved. Contact Silicon Image Technical Support): external desktop
up to 4m external cable or short backplane up to 30 inch of FR4 (0.012 mil trace width
with 1 oz copper). Both pre-emphasis and equalization are enabled
DxIO[1:0] = 0b11 (Reserved. Contact Silicon Image Technical Support): external desktop
longer than 4m external cable or short backplane longer than 30 inch of FR4 (0.012 mil
trace width with 1 oz copper). Both pre-emphasis and equalization are enabled
Tx Eye Measurement
The SiI 3726 SATA Port Multiplier has the capability to output random (scrambled) and deterministic data patterns
(primitives) to downstream devices bypassing the OOB sequence for eye measurement testing.
Upon completing the device enumeration process, the port multiplier outputs COM_RESET/COMINIT periodically.
This implementation maintains compatibility with the SATA compliant host/device and enables hot plug support.
But this implementation also prevents evaluating the Tx eye quality by connecting it directly to the oscilloscope.
By bypassing the OOB sequence after the host completes the device enumeration sequence, the Tx will output a
random data pattern. The port multiplier can bypass the OOB sequence by setting pin Y12 (OOB_BP) to high. In
addition to this, if CONT primitive is disabled by setting pin Y11 (CONT_DIS) to high, the Tx will output a
deterministic data pattern. The output generation (1.5 G or 3.0 G) can be selected by pin W12 (TX_GEN).
The random data pattern is a scrambled data pattern and useful for eye mask testing. The deterministic pattern is
a repetitive pattern of primitives and is useful for jitter analysis. The primitive is normally synchronous and
includes Align primitives every 256DWORDs.


Similar Part No. - SII3726

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII3723 SILICONIMAGE-SII3723 Datasheet
189Kb / 2P
   Third Generation SATA Port Multiplier Storage Processor
More results

Similar Description - SII3726

ManufacturerPart #DatasheetDescription
logo
Silicon image
SII3723 SILICONIMAGE-SII3723 Datasheet
189Kb / 2P
   Third Generation SATA Port Multiplier Storage Processor
logo
JMicron Technology Corp...
JMB572 JMICRON-JMB572 Datasheet
215Kb / 2P
   Port Multiplier Chip
JMB575 JMICRON-JMB575 Datasheet
224Kb / 2P
   Port Multiplier Chip
JMB393 JMICRON-JMB393 Datasheet
302Kb / 3P
   Port Multiplier Chip
JMB321 JMICRON-JMB321 Datasheet
212Kb / 2P
   Port Multiplier Chip
JMB390 JMICRON-JMB390 Datasheet
247Kb / 3P
   RAID Port Multiplier Chip
JMB394 JMICRON-JMB394 Datasheet
232Kb / 3P
   RAID Port Multiplier Chip
logo
Silicon image
SII4726 SILICONIMAGE-SII4726 Datasheet
204Kb / 2P
   SATA to 5-Port SATA Device SteelVine??Storage Processor
logo
Protech Systems Co., Lt...
PSB-589LF PROTECHSYSTEMS-PSB-589LF Datasheet
586Kb / 2P
   SATA port Supports Raid 0,1
logo
Exar Corporation
XRS10L240 EXAR-XRS10L240 Datasheet
467Kb / 38P
   SERIAL ATA II: PORT MULTIPLIER / PORT SELECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com