Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6207A12AML Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6207A12AML
Description  High Speed "Green Operation" LDO Voltage Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6207A12AML Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6207A12AML Datasheet HTML 3Page - Torex Semiconductor XC6207A12AML Datasheet HTML 4Page - Torex Semiconductor XC6207A12AML Datasheet HTML 5Page - Torex Semiconductor XC6207A12AML Datasheet HTML 6Page - Torex Semiconductor XC6207A12AML Datasheet HTML 7Page - Torex Semiconductor XC6207A12AML Datasheet HTML 8Page - Torex Semiconductor XC6207A12AML Datasheet HTML 9Page - Torex Semiconductor XC6207A12AML Datasheet HTML 10Page - Torex Semiconductor XC6207A12AML Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
7/32
XC6207
Series
E-0
E-1
E-2
E-3
SETTING
OUTPUT
VOLTAGE (V)
OUTPUT VOLTAGE
(HS MODE)
(V)
OUTPUT VOLTAGE
(PS MODE)
(V)
DROPOUT
VOLTAGE 1
IOUT=30mA (mV)
DROPOUT
VOLTAGE 2
IOUT=100mA (mV)
VOUT(E)
VOUT(E)
Vdif1
Vdif2
VOUT(T)
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
1.20
1.170
1.20
1.230
1.1550
1.20
1.230
1.25
1.220
1.25
1.280
1.2050
1.25
1.280
800
850
810
860
1.30
1.270
1.30
1.330
1.2550
1.30
1.330
1.35
1.320
1.35
1.380
1.3050
1.35
1.380
700
750
710
760
1.40
1.370
1.40
1.430
1.3550
1.40
1.430
1.45
1.420
1.45
1.480
1.4050
1.45
1.480
600
650
610
660
1.50
1.470
1.50
1.530
1.4550
1.50
1.530
1.55
1.519
1.55
1.581
1.5035
1.55
1.581
500
550
510
560
1.60
1.568
1.60
1.632
1.5520
1.60
1.632
1.65
1.617
1.65
1.683
1.6005
1.65
1.683
400
450
410
460
1.70
1.666
1.70
1.734
1.6490
1.70
1.734
1.75
1.715
1.75
1.785
1.6975
1.75
1.785
300
350
310
360
1.80
1.764
1.80
1.836
1.7460
1.80
1.836
1.85
1.813
1.85
1.887
1.7945
1.85
1.887
200
250
210
260
1.90
1.862
1.90
1.938
1.8430
1.90
1.938
1.95
1.911
1.95
1.989
1.8915
1.95
1.989
100
150
200
250
2.00
1.960
2.00
2.040
1.9400
2.00
2.040
2.05
2.009
2.05
2.091
1.9885
2.05
2.091
2.10
2.058
2.10
2.142
2.0370
2.10
2.142
2.15
2.107
2.15
2.193
2.0855
2.15
2.193
90
245
2.20
2.156
2.20
2.244
2.1340
2.20
2.244
2.25
2.205
2.25
2.295
2.1825
2.25
2.295
2.30
2.254
2.30
2.346
2.2310
2.30
2.346
2.35
2.303
2.35
2.397
2.2795
2.35
2.397
2.40
2.352
2.40
2.448
2.3280
2.40
2.448
2.45
2.401
2.45
2.499
2.3765
2.45
2.499
60
80
180
240
2.50
2.450
2.50
2.550
2.4250
2.50
2.550
2.55
2.499
2.55
2.601
2.4735
2.55
2.601
2.60
2.548
2.60
2.652
2.5220
2.60
2.652
2.65
2.597
2.65
2.703
2.5705
2.65
2.703
2.70
2.646
2.70
2.754
2.6190
2.70
2.754
2.75
2.695
2.75
2.805
2.6675
2.75
2.805
2.80
2.744
2.80
2.856
2.7160
2.80
2.856
2.85
2.793
2.85
2.907
2.7645
2.85
2.907
2.90
2.842
2.90
2.958
2.8130
2.90
2.958
2.95
2.891
2.95
3.009
2.8615
2.95
3.009
50
70
150
220
3.00
2.940
3.00
3.060
2.9100
3.00
3.060
3.05
2.989
3.05
3.111
2.9585
3.05
3.111
3.10
3.038
3.10
3.162
3.0070
3.10
3.162
3.15
3.087
3.15
3.213
3.0555
3.15
3.213
3.20
3.136
3.20
3.264
3.1040
3.20
3.264
3.25
3.185
3.25
3.315
3.1525
3.25
3.315
3.30
3.234
3.30
3.366
3.2010
3.30
3.366
3.35
3.283
3.35
3.417
3.2495
3.35
3.417
3.40
3.332
3.40
3.468
3.2980
3.40
3.468
40
65
120
190
●DROPOUT VOLTAGE CHART
■ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XC6207A12AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6207A12AML TOREX-XC6207A12AML Datasheet
712Kb / 30P
   CMOS Low Power Consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com