Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6216B20C201MR Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6216B20C201MR
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216B20C201MR Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6216B20C201MR Datasheet HTML 5Page - Torex Semiconductor XC6216B20C201MR Datasheet HTML 6Page - Torex Semiconductor XC6216B20C201MR Datasheet HTML 7Page - Torex Semiconductor XC6216B20C201MR Datasheet HTML 8Page - Torex Semiconductor XC6216B20C201MR Datasheet HTML 9Page - Torex Semiconductor XC6216B20C201MR Datasheet HTML 10Page - Torex Semiconductor XC6216B20C201MR Datasheet HTML 11Page - Torex Semiconductor XC6216B20C201MR Datasheet HTML 12Page - Torex Semiconductor XC6216B20C201MR Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9/29
XC6216/XE6216
Series
E-0
E-1
E-2
PARAMETER
SETTING
VOLTAGE
OUTPUT VOLTAGE
(V)
2% ACCURACY
OUTPUT VOLTAGE
(V)
1% ACCURACY
DROPOUT VOLTAGE 1
(mV)
IOUT=20mA
DROPOUT VOLTAGE 2
(mV)
IOUT=100mA
VOUT
VOUT
Vdif1
Vdif2
VOUT(T)
(V)
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
2.0
1.960
2.040
1.980
2.020
450
600
1900
2600
2.1
2.058
2.142
2.079
2.121
450
600
1900
2600
2.2
2.156
2.244
2.178
2.222
390
520
1700
2200
2.3
2.254
2.346
2.277
2.323
390
520
1700
2200
2.4
2.352
2.448
2.376
2.424
390
520
1700
2200
2.5
2.450
2.550
2.475
2.525
310
450
1500
1900
2.6
2.548
2.652
2.574
2.626
310
450
1500
1900
2.7
2.646
2.754
2.673
2.727
310
450
1500
1900
2.8
2.744
2.856
2.772
2.828
310
450
1500
1900
2.9
2.842
2.958
2.871
2.929
310
450
1500
1900
3.0
2.940
3.060
2.970
3.030
260
360
1300
1700
3.1
3.038
3.162
3.069
3.131
260
360
1300
1700
3.2
3.136
3.264
3.168
3.232
260
360
1300
1700
3.3
3.234
3.366
3.267
3.333
260
360
1300
1700
3.4
3.332
3.468
3.366
3.434
260
360
1300
1700
3.5
3.430
3.570
3.465
3.535
260
360
1300
1700
3.6
3.528
3.672
3.564
3.636
260
360
1300
1700
3.7
3.626
3.774
3.663
3.737
260
360
1300
1700
3.8
3.724
3.876
3.762
3.838
260
360
1300
1700
3.9
3.822
3.978
3.861
3.939
260
360
1300
1700
4.0
3.920
4.080
3.960
4.040
220
320
1100
1500
4.1
4.018
4.182
4.059
4.141
220
320
1100
1500
4.2
4.116
4.284
4.158
4.242
220
320
1100
1500
4.3
4.214
4.386
4.257
4.343
220
320
1100
1500
4.4
4.312
4.488
4.356
4.444
220
320
1100
1500
4.5
4.410
4.590
4.455
4.545
220
320
1100
1500
4.6
4.508
4.692
4.554
4.646
220
320
1100
1500
4.7
4.606
4.794
4.653
4.747
220
320
1100
1500
4.8
4.704
4.896
4.752
4.848
220
320
1100
1500
4.9
4.802
4.998
4.851
4.949
220
320
1100
1500
■ELECTRICAL CHARACTERISTICS (Continued)
Voltage Chart


Similar Part No. - XC6216B20C201MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6216B201ER TOREX-XC6216B201ER Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216B201FR TOREX-XC6216B201FR Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216B201FR-G TOREX-XC6216B201FR-G Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216B201JR TOREX-XC6216B201JR Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216B201ML TOREX-XC6216B201ML Datasheet
722Kb / 41P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
More results

Similar Description - XC6216B20C201MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6216 TOREX-XC6216_2 Datasheet
722Kb / 41P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216 TOREX-XC6216_3 Datasheet
771Kb / 43P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6701 TOREX-XC6701_1 Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701 Datasheet
483Kb / 32P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701_2 Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XD6216 TOREX-XD6216 Datasheet
747Kb / 18P
   28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)
XC6216 TOREX-XC6216 Datasheet
330Kb / 12P
   Voltage Regullators with Stand-by Function-Input Voltage: 30V
XD6506 TOREX-XD6506 Datasheet
1,015Kb / 24P
   Ultra-Low Quiescent Current Voltage Regulator (with Stand-by Function)
logo
NIHON DEMPA KOGYO
NT2016SD NDK-NT2016SD Datasheet
299Kb / 1P
   Equipped with the temperature sensor voltage output function and Enable / Disable(Stand-by) function (VC-TCXO) NT2016S Series
logo
STMicroelectronics
LM2931 STMICROELECTRONICS-LM2931 Datasheet
361Kb / 19P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com