Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC62KN2101TB Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC62KN2101TB
Description  Negative Voltage Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC62KN2101TB Datasheet(HTML) 5 Page - Torex Semiconductor

  XC62KN2101TB Datasheet HTML 1Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 2Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 3Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 4Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 5Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 6Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 7Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 8Page - Torex Semiconductor XC62KN2101TB Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
XC62K
Series
NOTE:
*1: VOUT(T)=Specified output voltage
*2: VOUT(E)=Effective output voltage (i.e. the output voltage when "VOUT(T) -1.0V" is provided at the VIN pin while maintaining a certain IOUT
value).
*3: Vdif = {VIN1 - VOUT1}
*4: VOUT1 =A voltage equal to 98% of the output voltage whenever an amply stabilized IOUT {VOUT(T) -1.0V} is input.
*5: VIN1=The input voltage when a voltage equal to 98% of VOUT(E) appears. (Input voltage is gradually decreased.)
*6: IOUTMAX=Please ensure that output current is within the values given for power dissipation.
TYPICAL APPLICATION CIRCUIT
NOTES ON USE
Please ensure that values for input capacitance, CIN and out capacitance, CL, are more than 1μF (Tantalum).
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Output Voltage (*2)
VOUT(E)
IOUT=20mA
VIN=-4.0V
x 0.98
-2.94
VOUT(T)
-3.00
x 1.02
-3.06
V
2
MAX. Output Current
IOUT max
VIN=-4.0V, VOUT(E)≧-2.7V
60
-
-
mA
4
Load Regulation
VOUT
VIN=-4.0V
1mA≦IOUT≦40mA
-
40
80
mV
4
IOUT=40mA
-
120
300
Dropout Voltage
Vdif
IOUT=80mA
-
380
600
mV
3
Supply Current
ISS
VIN=4.0V
-
2.5
6.0
μ
A
1
Line Regulation
VOUT
VIN・VOUT
IOUT=20mA
-4.0V≦VIN≦-10.0V
-
0.1
0.3
%V
3
Input Voltage
VIN
-
-
-
-10.0
V
-
Output Voltage
Temperature Characteristics
VOUT
VIN・VOUT
IOUT=20mA
-30℃≦Topr≦80℃
-
±
100
-
ppm/
-
XC62KN3002
VOUT(T)=-3.0V
Ta=25℃
ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XC62KN2101TB

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62KN211DB TOREX-XC62KN211DB Datasheet
1Mb / 14P
   Negative Voltage Regulaters
XC62KN211DH TOREX-XC62KN211DH Datasheet
1Mb / 14P
   Negative Voltage Regulaters
XC62KN211DL TOREX-XC62KN211DL Datasheet
1Mb / 14P
   Negative Voltage Regulaters
XC62KN211DR TOREX-XC62KN211DR Datasheet
1Mb / 14P
   Negative Voltage Regulaters
XC62KN211LB TOREX-XC62KN211LB Datasheet
1Mb / 14P
   Negative Voltage Regulaters
More results

Similar Description - XC62KN2101TB

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
   Negative voltage regulators
logo
Texas Instruments
UA79M00 TI1-UA79M00_17 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_17 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Estek Electronics Co. L...
ET-79LXXND ESTEK-ET-79LXXND Datasheet
1Mb / 5P
   Negative-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com