Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BLJ4B5 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST72324BLJ4B5
Description  3V range 8-bit MCU with 8 to 32K Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI interface
Download  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BLJ4B5 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST72324BLJ4B5 Datasheet HTML 7Page - STMicroelectronics ST72324BLJ4B5 Datasheet HTML 8Page - STMicroelectronics ST72324BLJ4B5 Datasheet HTML 9Page - STMicroelectronics ST72324BLJ4B5 Datasheet HTML 10Page - STMicroelectronics ST72324BLJ4B5 Datasheet HTML 11Page - STMicroelectronics ST72324BLJ4B5 Datasheet HTML 12Page - STMicroelectronics ST72324BLJ4B5 Datasheet HTML 13Page - STMicroelectronics ST72324BLJ4B5 Datasheet HTML 14Page - STMicroelectronics ST72324BLJ4B5 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 154 page
background image
ST72324Lxx
11/154
Notes:
1. In the interrupt input column, “eiX” defines the associated external interrupt vector. If the weak pull-up
column (wpu) is merged with the interrupt column (int), then the I/O configuration is pull-up interrupt input,
else the configuration is floating interrupt input.
2. In the open drain output column, “T” defines a true open drain I/O (P-Buffer and protection diode to VDD
27 25 10 13 PC2 (HS)/ICAP2_B
I/O CT HS
X
X
X
X
Port C2
Timer B Input Capture 2
28 26 11 14 PC3 (HS)/ICAP1_B
I/O CT HS
X
X
X
X
Port C3
Timer B Input Capture 1
29 27 12 15
PC4/MISO/ICCDA-
TA
I/O CT
X
X
X
X
Port C4
SPI Master
In / Slave
Out Data
ICC Data In-
put
30 28 13 16 PC5/MOSI/AIN14
I/O CT
X
X
X
X
X
Port C5
SPI Master
Out / Slave
In Data
ADC Analog
Input 14
31 29 14 17 PC6/SCK/ICCCLK
I/O CT
X
X
X
X
Port C6
SPI Serial
Clock
ICC Clock
Output
32 30 15 18 PC7/SS/AIN15
I/O CT
X
X
X
X
X
Port C7
SPI Slave
Select (ac-
tive low)
ADC Analog
Input 15
34 31 16 19 PA3 (HS)
I/O CT HS
X
ei0
X
X
Port A3
35 32
VDD_1
S
Digital Main Supply Voltage5)
36 33
VSS_1
S
Digital Ground Voltage5)
37 34 17 20 PA4 (HS)
I/O CT HS
X
X
X
X
Port A4
38 35
PA5 (HS)
I/O CT HS
X
X
X
X
Port A5
39 36 18 21 PA6 (HS)
I/O CT HS
X
T
Port A6 1)
40 37 19 22 PA7 (HS)
I/O CT HS
X
T
Port A7 1)
41 38 20 23 VPP /ICCSEL
I
Must be tied low. In the flash pro-
gramming mode, this pin acts as the
programming voltage input VPP. See
Section 12.9.2 for more details. High
voltage must not be applied to ROM
devices.
42 39 21 24 RESET
I/O CT
Top priority non maskable interrupt.
43 40 22 25 VSS_2
S
Digital Ground Voltage5)
44 41 23 26 OSC2
O
Resonator oscillator inverter output
45 42 24 27 OSC1
I
External clock input or Resonator os-
cillator inverter input
46 43 25 28 VDD_2
S
Digital Main Supply Voltage5)
47 44 26 29 PE0/TDO
I/O CT
X
X
X
X
Port E0
SCI Transmit Data Out
48 1 27 30 PE1/RDI
I/O CT
X
X
X
X
Port E1
SCI Receive Data In
3
2 28 31 PB0
I/O CT
X
ei2
X
X
Port B0
4
3
PB1
I/O CT
X
ei2
X
X
Port B1
5
4
PB2
I/O CT
X
ei2
X
X
Port B2
6
5 29 32 PB3
I/O CT
X
ei2
X
X
Port B3
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate Function
Input
Output
1


Similar Part No. - ST72324BLJ4B5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72324BLJ4B5 STMICROELECTRONICS-ST72324BLJ4B5 Datasheet
1Mb / 151P
   3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
January 2005 Rev. 3
More results

Similar Description - ST72324BLJ4B5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72F324LJ2T STMICROELECTRONICS-ST72F324LJ2T Datasheet
1Mb / 151P
   3V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
January 2005 Rev. 3
ST72324B STMICROELECTRONICS-ST72324B Datasheet
1Mb / 167P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72324 STMICROELECTRONICS-ST72324_05 Datasheet
1Mb / 163P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72324JX STMICROELECTRONICS-ST72324JX Datasheet
2Mb / 164P
   5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH,10-BIT ADC, 4 TIMERS,SPI,SCI INTERFACE
ST7232A STMICROELECTRONICS-ST7232A Datasheet
1Mb / 154P
   8-BIT MCU WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72F324J STMICROELECTRONICS-ST72F324J Datasheet
1Mb / 156P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72324 STMICROELECTRONICS-ST72324 Datasheet
2Mb / 161P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
August 2003 Rev. 1.9
ST72F32AJ2T6 STMICROELECTRONICS-ST72F32AJ2T6 Datasheet
1Mb / 157P
   8-BIT MICROCONTROLLER WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
December 2005 Rev. 2
ST7232A_0512 STMICROELECTRONICS-ST7232A_0512 Datasheet
1Mb / 157P
   8-BIT MICROCONTROLLER WITH 8K FLASH/ROM, ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72324BXX STMICROELECTRONICS-ST72324BXX Datasheet
2Mb / 188P
   8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com