Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6211H09AMR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6211H09AMR
Description  High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6211H09AMR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6211H09AMR Datasheet HTML 1Page - Torex Semiconductor XC6211H09AMR Datasheet HTML 2Page - Torex Semiconductor XC6211H09AMR Datasheet HTML 3Page - Torex Semiconductor XC6211H09AMR Datasheet HTML 4Page - Torex Semiconductor XC6211H09AMR Datasheet HTML 5Page - Torex Semiconductor XC6211H09AMR Datasheet HTML 6Page - Torex Semiconductor XC6211H09AMR Datasheet HTML 7Page - Torex Semiconductor XC6211H09AMR Datasheet HTML 8Page - Torex Semiconductor XC6211H09AMR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3/23
XC6219/6211
Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
A / E
: High Active, pull-down resistor built in (Semi-custom)
B / F
: High Active, no pull-down resistor built in (Standard)
C / G
: Low Active, pull-up resistor built in (Semi-custom)
(*1)
CE Pin Logic
D / H
: Low Active, no pull-up resistor built in (Semi-custom)
② ③
Output Voltage
09~50
: e.g. =3, =0, → 3.0V
1 / 2
: 100mV increments, ±2% accuracy
e.g. =2, ③=8, =2 → 2.80V, ±2%
1 (*2)
: 100mV increments, ±1% accuracy
e.g. =2, =8, =1 → 2.80V, ±1%
A
: 50mV increments, ±2% accuracy
e.g. =2, =8, =A → 2.85V, ±2%
Output Voltage Accuracy
B (*2)
: 50mV increments, ±1% accuracy
e.g. =2, =8, =B → 2.85V, ±1%
M
: SOT-25 (SOT-23-5)
P
: SOT-89-5 (for XC6219 only)
Packages
D
: USP-6B (for XC6219 only)
R
: Embossed tape, standard feed
Device Orientation
L
: Embossed tape, reverse feed
NOTE:
*1:Maximum output current of XC6219/6211 E to H series is 300mA.
*2:Output voltage of the ±1% accuracy product is 3.0V or more.
PRODUCT CLASSIFICATION
Selection Guide
Ordering Information
XC6219/XC6211 ①②③④⑤⑥
The following options for the CE pin logic and internal pull-up/down are available:
High Active + no pull-down resistor built-in (standard)
High Active + 2.0MΩ pull-down resistor built-in <between CE-VSS> (semi-custom)
Low Active + no pull-up resistor built-in (semi-custom)
Low Active + 2.0MΩ pull-up resistor built-in <between VIN-CE> (semi-custom)
Note: *With the pull-up resistor or pull-down resistor built-in types, the supply current during operation will increase
by VIN / 2.0MΩ (TYP.)


Similar Part No. - XC6211H09AMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6211 TOREX-XC6211 Datasheet
197Kb / 15P
   High Speed LDO Regulator
XC6211A02ML TOREX-XC6211A02ML Datasheet
197Kb / 15P
   High Speed LDO Regulator
XC6211A02MR TOREX-XC6211A02MR Datasheet
197Kb / 15P
   High Speed LDO Regulator
XC6211A0AML TOREX-XC6211A0AML Datasheet
197Kb / 15P
   High Speed LDO Regulator
XC6211A0AMR TOREX-XC6211A0AMR Datasheet
197Kb / 15P
   High Speed LDO Regulator
More results

Similar Description - XC6211H09AMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6204B182MR TOREX-XC6204B182MR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com