Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6211H09BMR Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6211H09BMR
Description  High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6211H09BMR Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6211H09BMR Datasheet HTML 2Page - Torex Semiconductor XC6211H09BMR Datasheet HTML 3Page - Torex Semiconductor XC6211H09BMR Datasheet HTML 4Page - Torex Semiconductor XC6211H09BMR Datasheet HTML 5Page - Torex Semiconductor XC6211H09BMR Datasheet HTML 6Page - Torex Semiconductor XC6211H09BMR Datasheet HTML 7Page - Torex Semiconductor XC6211H09BMR Datasheet HTML 8Page - Torex Semiconductor XC6211H09BMR Datasheet HTML 9Page - Torex Semiconductor XC6211H09BMR Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6/23
XC6219/6211 Series
SYMBOL
E-1
E-2
INPUT VOLTAGE (V)
MAX. OUTPUT
CURRENT (mA)
CONDITION, RATINGS
SETTING VOLTAGE (V)
VIN
IOUTMAX (MIN.)
VOUT(T)<1.75V
VOUT(T)+2.0V
150
VOUT(T)>1.8V
VOUT(T)+1.0V
240
SYMBOL
E-1
E-2
INPUT VOLTAGE (V)
MAX. OUTPUT
CURRENT (mA)
CONDITION, RATINGS
SETTING VOLTAGE (V)
VIN
IOUTMAX (MIN.)
0.90 ~ 1.05
2.5
260
1.10 ~ 1.15
2.6
270
1.20 ~ 1.25
2.7
290
1.30 ~ 1.35
2.8
1.40 ~ 1.45
2.9
1.50 ~ 1.95
3.0
2.00 ~ 6.00
VOUT(T)+1.0V
300
E-3
E-4
SYMBOL
Vdif1
Vdif2
PARAMETER
OUTPUT VOLTAGE
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
0.9
1100
1100
1110
1100
1150
1200
1.50
500
500
510
500
550
600
1.80 ~ 1.85
200
200
210
200
300
400
1.90 ~ 1.95
100
120
150
100
280
380
2.00 ~ 2.05
-
80
120
-
240
350
2.10 ~ 2.25
-
80
120
-
240
330
2.30 ~ 2.45
-
80
120
-
240
310
2.50 ~ 2.75
-
70
100
-
220
290
2.80 ~ 2.95
-
70
100
-
220
270
3.00 ~ 3.05
-
60
90
-
200
270
3.10 ~ 3.95
-
60
90
-
200
250
4.00 ~ 4.95
-
60
80
-
180
230
5.00
-
50
70
-
160
210
Dropout Voltage Chart
* The input voltage 2.0V (MIN.) is needed to operate the IC series.
When the output voltage is less than 2.0V, 2.0V-VOUT(T) of dropout voltage is needed at minimum.
ELECTRICAL CHARACTERISTICS (Continued)
Maximum Output Current, Input Voltage Chart
XC6219/6211A~D series
XC6219/6211E~H series


Similar Part No. - XC6211H09BMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6211 TOREX-XC6211 Datasheet
197Kb / 15P
   High Speed LDO Regulator
XC6211A02ML TOREX-XC6211A02ML Datasheet
197Kb / 15P
   High Speed LDO Regulator
XC6211A02MR TOREX-XC6211A02MR Datasheet
197Kb / 15P
   High Speed LDO Regulator
XC6211A0AML TOREX-XC6211A0AML Datasheet
197Kb / 15P
   High Speed LDO Regulator
XC6211A0AMR TOREX-XC6211A0AMR Datasheet
197Kb / 15P
   High Speed LDO Regulator
More results

Similar Description - XC6211H09BMR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6204B182MR TOREX-XC6204B182MR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com