Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6211E09AML Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6211E09AML
Description  High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6211E09AML Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6211E09AML Datasheet HTML 1Page - Torex Semiconductor XC6211E09AML Datasheet HTML 2Page - Torex Semiconductor XC6211E09AML Datasheet HTML 3Page - Torex Semiconductor XC6211E09AML Datasheet HTML 4Page - Torex Semiconductor XC6211E09AML Datasheet HTML 5Page - Torex Semiconductor XC6211E09AML Datasheet HTML 6Page - Torex Semiconductor XC6211E09AML Datasheet HTML 7Page - Torex Semiconductor XC6211E09AML Datasheet HTML 8Page - Torex Semiconductor XC6211E09AML Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
1/23
XC6219/6211 Series
High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
GENERAL DESCRIPTION
The XC6219/XC6211 series are highly accurate, low noise, CMOS LDO Voltage Regulators. Offering low output noise, high
ripple rejection ratio, low dropout and very fast turn-on times, the XC6219/6211 series is ideal for today’s cutting edge mobile
phone. Internally the XC6219/6211 includes a reference voltage source, error amplifiers, driver transistors, current limiters
and phase compensators. The XC6219/6211’s current limiters' foldback circuit also operates as a short protect for the output
current limiter and. the output pin. The output voltage is set by laser trimming. Voltages are selectable in 50mV steps within
a range of 0.9V to 5.0V. The XC6219/6211 series is also fully compatible with low ESR ceramic capacitors, reducing cost and
improving output stability. This high level of output stability is maintained even during frequent load fluctuations, due to the
excellent transient response performance and high PSRR achieved across a broad range of frequencies.
The CE function allows the output of regulator to be turned off, resulting in greatly reduced power consumption.
ETR0307-005
APPLICATIONS
Mobile phones
Cordless phones, radio communication equipment
Portable games
Cameras, Video cameras
Reference voltage sources
Battery powered equipment
TYPICAL APPLICATION CIRCUIT
TYPICAL PERFORMANCE
CHARACTERISTICS
Ripple Rejection Rate
SOT-25 (SOT-23-5)
XC6219 series
VSS
1
2
3
4
5
VIN VOUT
CE
NC
CIN
1µF
CL
1µF
FEATURES
Maximum Output Current
: 150mA (VOUT<1.75V, A~D type)
: 240mA (VOUT>1.8V, A~D type)
: 300mA (VOUT>1.3V, E~H type)
Dropout Voltage
: 200mV @ IOUT=100mA
Operating Voltage Range
: 2.0V ~ 6.0V
Output Voltage Range
: 0.9V ~ 5.0V (50mV steps)
Highly Accuracy
: +2% (VOUT>1.5V)
: +30mV (VOUT≦1.5V)
: +1% (VOUT≧3.0V)
Low Power Consumption
: 25μA (TYP.)
Standby Current
: Less than 0.1μA (TYP.)
High Ripple Rejection
: 65dB @10kHz
Operating Temperature Range
Low ESR Capacitor
: Ceramic capacitor compatible
Ultra Small Packages
: SOT-25 (SOT-23-5)
: SOT-89-5 (for XC6219 only)
: USP-6B (for XC6219 only)


Similar Part No. - XC6211E09AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6211 TOREX-XC6211 Datasheet
197Kb / 15P
   High Speed LDO Regulator
XC6211A02ML TOREX-XC6211A02ML Datasheet
197Kb / 15P
   High Speed LDO Regulator
XC6211A02MR TOREX-XC6211A02MR Datasheet
197Kb / 15P
   High Speed LDO Regulator
XC6211A0AML TOREX-XC6211A0AML Datasheet
197Kb / 15P
   High Speed LDO Regulator
XC6211A0AMR TOREX-XC6211A0AMR Datasheet
197Kb / 15P
   High Speed LDO Regulator
More results

Similar Description - XC6211E09AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
XC6204B182MR TOREX-XC6204B182MR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com