Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC377DW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC377DW
Description  OCTAL D-TYPE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC377DW Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC377DW Datasheet HTML 1Page - Texas Instruments SN74HC377DW Datasheet HTML 2Page - Texas Instruments SN74HC377DW Datasheet HTML 3Page - Texas Instruments SN74HC377DW Datasheet HTML 4Page - Texas Instruments SN74HC377DW Datasheet HTML 5Page - Texas Instruments SN74HC377DW Datasheet HTML 6Page - Texas Instruments SN74HC377DW Datasheet HTML 7Page - Texas Instruments SN74HC377DW Datasheet HTML 8Page - Texas Instruments SN74HC377DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SN54HC377, SN74HC377
OCTAL DTYPE FLIPFLOPS
WITH CLOCK ENABLE
SCLS307B– JANUARY 1996 – REVISED JANUARY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 12 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Eight Flip-Flops With Single-Rail Outputs
D Clock Enable Latched to Avoid False
Clocking
D Applications Include:
– Buffer/Storage Registers
– Shift Registers
– Pattern Generators
description/ordering information
These devices are positive-edge-triggered octal
D-type flip-flops with an enable input. The ’HC377
devices are similar to the ’HC273 devices, but
feature a latched clock-enable (CLKEN) input
instead of a common clear.
Information at the data (D) inputs meeting the
setup time requirements is transferred to the
Q outputs on the positive-going edge of the clock
(CLK) pulse, if CLKEN is low. Clock triggering
occurs at a particular voltage level and is not
directly related to the transition time of the
positive-going pulse. When CLK is at either the
high or low level, the D input has no effect at the
output. These devices are designed to prevent
false clocking by transitions at CLKEN.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube
SN74HC377N
SN74HC377N
40
°Cto85°C
SOIC
DW
Tube
SN74HC377DW
HC377
–40
°C to 85°C
SOIC – DW
Tape and reel
SN74HC377DWR
HC377
SOP – NS
Tape and reel
SN74HC377NSR
HC377
CDIP – J
Tube
SNJ54HC377J
SNJ54HC377J
–55
°C to 125°C
CFP – W
Tube
SNJ54HC377W
SNJ54HC377W
55 C to 125 C
LCCC – FK
Tube
SNJ54HC377FK
SNJ54HC377FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
8D
7D
7Q
6Q
6D
2D
2Q
3Q
3D
4D
SN54HC377 . . . FK PACKAGE
(TOP VIEW)
SN54HC377 ...J OR W PACKAGE
SN74HC377 ...DW, N, OR NS PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
CLKEN
1Q
1D
2D
2Q
3Q
3D
4D
4Q
GND
VCC
8Q
8D
7D
7Q
6Q
6D
5D
5Q
CLK
Copyright
 2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MILPRF38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74HC377DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC377DW TI-SN74HC377DW Datasheet
425Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN74HC377DW TI-SN74HC377DW Datasheet
419Kb / 14P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN74HC377DW TI-SN74HC377DW Datasheet
670Kb / 16P
[Old version datasheet]   OCTAL, HEX, AND QUAD D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN74HC377DWE4 TI-SN74HC377DWE4 Datasheet
419Kb / 14P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
SN74HC377DWE4 TI-SN74HC377DWE4 Datasheet
670Kb / 16P
[Old version datasheet]   OCTAL, HEX, AND QUAD D-TYPE FLIP-FLOPS WITH CLOCK ENABLE
More results

Similar Description - SN74HC377DW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C373 NSC-MM54C373 Datasheet
170Kb / 8P
   Octal D-Type Latch Octal D-Type Flip-Flop
logo
Fairchild Semiconductor
MM74HCT573 FAIRCHILD-MM74HCT573 Datasheet
98Kb / 8P
   Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
logo
ON Semiconductor
MM74HCT573 ONSEMI-MM74HCT573 Datasheet
222Kb / 11P
   Octal D-Type Latch ??3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Fairchild Semiconductor
MM74HCT573 FAIRCHILD-MM74HCT573_05 Datasheet
114Kb / 9P
   Octal D-Type Latch - 3-STATE Octal D-Type Flip-Flop
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Unisonic Technologies
U74HC573 UTC-U74HC573_15 Datasheet
269Kb / 5P
   OCTAL TRANSPARENT D-TYPE LATCHES
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
logo
Texas Instruments
CD54HCT573 TI-CD54HCT573 Datasheet
355Kb / 11P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
logo
Fairchild Semiconductor
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com