Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2262AMUB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2262AMUB
Description  Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER POERATIONAL AMPLIFIERS
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2262AMUB Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV2262AMUB Datasheet HTML 7Page - Texas Instruments TLV2262AMUB Datasheet HTML 8Page - Texas Instruments TLV2262AMUB Datasheet HTML 9Page - Texas Instruments TLV2262AMUB Datasheet HTML 10Page - Texas Instruments TLV2262AMUB Datasheet HTML 11Page - Texas Instruments TLV2262AMUB Datasheet HTML 12Page - Texas Instruments TLV2262AMUB Datasheet HTML 13Page - Texas Instruments TLV2262AMUB Datasheet HTML 14Page - Texas Instruments TLV2262AMUB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
TLV225x, TLV225xA
Advanced LinCMOS RAILTORAIL
VERY LOW POWER OPERATIONAL AMPLIFIERS
SLOS185D − FEBRUARY 1997 − REVISED AUGUST 2006
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLV2254I electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise
noted) (continued)
PARAMETER
TEST CONDITIONS
TA†
TLV2254I
TLV2254AI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
kSVR
Supply voltage
rejection ratio
VDD = 2.7 V to 8 V,
25
°C
80
95
80
100
dB
kSVR
rejection ratio
(
∆VDD/∆VIO)
VDD = 2.7 V to 8 V,
VIC = VDD /2,
No load
Full range
80
80
dB
IDD
Supply current
VO = 1.5 V,
No load
25
°C
135
250
135
250
µA
IDD
Supply current
(four amplifiers)
VO = 1.5 V,
No load
Full range
300
300
µA
† Full range is − 40°C to 125°C.
TLV2254I operating characteristics at specified free-air temperature, VDD = 3 V
PARAMETER
TEST CONDITIONS
TA†
TLV2254I
TLV2254AI
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VO = 0.7 V to 1.7 V,
25 C
0.07
0.1
0.07
0.1
SR
Slew rate at unity gain
VO = 0.7 V to 1.7 V,
RL = 100 kه,
25
°C
0.07
0.1
0.07
0.1
V/ s
SR
Slew rate at unity gain
O
RL = 100 kه,
C = 100 pF‡
Full range
0.05
0.05
V/
µs
SR
Slew rate at unity gain
RL = 100 k
,
CL = 100 pF‡
Full range
0.05
0.05
V/
µs
Vn
Equivalent input noise voltage
f = 10 Hz
25
°C
35
35
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
19
19
nV/
√Hz
VN(PP)
Peak-to-peak equivalent input
f = 0.1 Hz to 1 Hz
25
°C
0.6
0.6
V
VN(PP)
Peak-to-peak equivalent input
noise voltage
f = 0.1 Hz to 10 Hz
25
°C
1.1
1.1
µV
In
Equivalent input noise current
25
°C
0.6
0.6
fA /
√Hz
Gain-bandwidth product
f = 1 kHz,
RL = 50 kΩ ‡,
25
°C
0.187
0.187
MHz
Gain-bandwidth product
RL = 50 kΩ ‡,
CL = 100 pF ‡
25
°C
0.187
0.187
MHz
BOM
Maximum output-swing
VO(PP) = 1 V,
AV = 1,
25
°C
60
60
kHz
BOM
Maximum output-swing
bandwidth
AV = 1,
RL = 50 kه,
CL = 100 pF ‡
25
°C
60
60
kHz
φm
Phase margin at unity gain
RL = 50 kه,
25
°C
63
°
63
°
Gain margin
RL = 50 kه,
CL = 100 pF ‡
25
°C
15
15
dB
† Full range is − 40°C to 85°C.
‡ Referenced to 1.5 V


Similar Part No. - TLV2262AMUB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2262AMUB TI-TLV2262AMUB Datasheet
1Mb / 60P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV2262AMUB TI-TLV2262AMUB Datasheet
1Mb / 55P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
TLV2262AMUB TI-TLV2262AMUB Datasheet
1Mb / 53P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TLV2262AMUB STMICROELECTRONICS-TLV2262AMUB Datasheet
1Mb / 55P
   ADVANCED LINCOMS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TLV2262AMUB TI-TLV2262AMUB Datasheet
1Mb / 58P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2262AMUB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC225X-EP TI1-TLC225X-EP_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2252-EP TI1-TLC2252-EP Datasheet
999Kb / 38P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV225X-Q1 TI1-TLV225X-Q1 Datasheet
735Kb / 37P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV255X TI-TLV255X Datasheet
1Mb / 53P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV2252-Q1 TI1-TLV2252-Q1 Datasheet
695Kb / 36P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_07 Datasheet
1Mb / 73P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_08 Datasheet
1Mb / 74P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X-Q1 TI-TLC225X-Q1 Datasheet
706Kb / 35P
[Old version datasheet]   advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI1-TLC225X_16 Datasheet
2Mb / 72P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_01 Datasheet
1Mb / 71P
[Old version datasheet]   Advanced LinCMOS TM RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com