Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICG2130 Datasheet(PDF) 3 Page - IC MICROSYSTEMS

Part # ICG2130
Description  DC-3000 MHz GENERAL PURPOSE AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICG2130 Datasheet(HTML) 3 Page - IC MICROSYSTEMS

  ICG2130 Datasheet HTML 1Page - IC MICROSYSTEMS ICG2130 Datasheet HTML 2Page - IC MICROSYSTEMS ICG2130 Datasheet HTML 3Page - IC MICROSYSTEMS ICG2130 Datasheet HTML 4Page - IC MICROSYSTEMS ICG2130 Datasheet HTML 5Page - IC MICROSYSTEMS ICG2130 Datasheet HTML 6Page - IC MICROSYSTEMS ICG2130 Datasheet HTML 7Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Rev. 1.0
28/12/04
ICmic reserves the right to change the specifications without notice.
For more information please visit http://www.icmic.com
3
Parameter
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
+3.0
V
Supply Current
27
30
33
mA
Parameter
Test Conditions
Min
Typ
Max
Unit
Overall Frequency Range
DC
850
3000
MHz
100 MHz Performance
Gain
Noise Figure
Output IP3
Output P1dB
Input Return Loss
Output Return Loss
Isolation
VCC=+3.0V, TOP = +25 oC
18.8
3.5
25
14.3
16.2
16.7
21.5
dB
dB
dBm
dBm
dB
dB
dB
850 MHz Performance
Gain
Noise Figure
Output IP3
Output P1dB
Input Return Loss
Output Return Loss
Isolation
VCC=+3.0V, TOP = +25 oC
18.8
3.4
26
14.8
15.4
27.6
21.3
dB
dB
dBm
dBm
dB
dB
dB
2000 MHz Performance
Gain
Noise Figure
Output IP3
Output P1dB
Input Return Loss
Output Return Loss
Isolation
VCC=+3.0V, TOP = +25 oC
13.3
3.6
21
11.5
17.2
20.8
20
dB
dB
dBm
dBm
dB
dB
dB
3000 MHz Performance
Gain
Noise Figure
Output IP3
Output P1dB
Input Return Loss
Output Return Loss
Isolation
VCC=+3.0V, TOP = +25 oC
10.8
3.9
18
8.5
13.4
11.3
19.2
dB
dB
dBm
dBm
dB
dB
dB


Similar Part No. - ICG2130

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ICG-1020P TDK-ICG-1020P Datasheet
316Kb / 1P
   Thinnest and Highest Performance Dual-Axis OIS Optimized MEMS Gyroscope
ICG-1020S TDK-ICG-1020S Datasheet
316Kb / 1P
   Thinnest Dual-Axis OIS Optimized MEMS Gyroscope
ICG-1021P TDK-ICG-1021P Datasheet
316Kb / 1P
   Thinnest and Highest Performance Dual-Axis OIS Optimized MEMS Gyroscope
ICG-1021S TDK-ICG-1021S Datasheet
316Kb / 1P
   Thinnest Dual-Axis OIS Optimized MEMS Gyroscope
ICG-20330 TDK-ICG-20330 Datasheet
493Kb / 56P
   High Performance 3-Axis OIS/EIS Optimized MEMS Gyro
More results

Similar Description - ICG2130

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASG101 ETC-ASG101 Datasheet
188Kb / 6P
   DC-3000 MHz SiGe HBT Amplifier
ASG402 ETC1-ASG402 Datasheet
260Kb / 7P
   DC-3000 MHz SiGe HBT Amplifier
logo
Stanford Microdevices
SGA-6386 STANFORD-SGA-6386 Datasheet
262Kb / 4P
   DC-3000 MHz, Cascadable SiGe HBT MMIC Amplifier
logo
Advanced Semiconductor ...
ASX401 ASB-ASX401 Datasheet
3Mb / 33P
   250-3000 MHz MMIC Amplifier
September 2012
ASX620 ASB-ASX620 Datasheet
654Kb / 8P
   250-3000 MHz MMIC Amplifier
September 2012
ASL13W ASB-ASL13W_13 Datasheet
863Kb / 15P
   5-3000 MHz MMIC Amplifier
November 2012
ASX602 ASB-ASX602_17 Datasheet
1Mb / 16P
   400 ~ 3000 MHz MMIC Amplifier
February 2017
ASX620 ASB-ASX620_17 Datasheet
1,007Kb / 10P
   150 ~ 3000 MHz MMIC Amplifier
February 2017
ASX403 ASB-ASX403 Datasheet
312Kb / 5P
   400-3000 MHz MMIC Amplifier
August 2010
ASF255 ASB-ASF255 Datasheet
433Kb / 6P
   5-3000 MHz MMIC Amplifier
September 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com