Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7342MG Datasheet(PDF) 7 Page - IC MICROSYSTEMS

Part # ICM7342MG
Description  DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7342MG Datasheet(HTML) 7 Page - IC MICROSYSTEMS

  ICM7342MG Datasheet HTML 1Page - IC MICROSYSTEMS ICM7342MG Datasheet HTML 2Page - IC MICROSYSTEMS ICM7342MG Datasheet HTML 3Page - IC MICROSYSTEMS ICM7342MG Datasheet HTML 4Page - IC MICROSYSTEMS ICM7342MG Datasheet HTML 5Page - IC MICROSYSTEMS ICM7342MG Datasheet HTML 6Page - IC MICROSYSTEMS ICM7342MG Datasheet HTML 7Page - IC MICROSYSTEMS ICM7342MG Datasheet HTML 8Page - IC MICROSYSTEMS ICM7342MG Datasheet HTML 9Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ICM7362/7342/7322
DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
Rev. A8
ICmic reserves the right to change the specifications without prior notice
.
7
IC MICROSYSTEMS
ICmic
APPLICATIONS INFORMATION
Power
Supply
Bypassing
and
Layout
Considerations
As in any precision circuit, careful consideration has to be
given to layout of the supply and ground. The return path
from the GND to the supply ground should be short with
low impedance. Using a ground plane would be ideal. The
supply should have some bypassing on it. A 10 µF
tantalum capacitor in parallel with a 0.1 µF ceramic with a
low ESR can be used. Ideally these would be placed as
close as possible to the device. Avoid crossing digital and
analog signals, specially the reference, or running them
close to each other.
Output Swing Limitations
The ideal rail-to-rail DAC would swing from GND to VDD
however, offset and gain error limit this ability. Figure 5
illustrates how a negative offset error will affect the output.
The output will limit close to ground since this is single
supply part, resulting in a dead-band area. As a larger
input is loaded into the DAC the output will eventually rise
above ground. This is why the linearity is specified for a
starting code greater than zero.
Figure 6 illustrates how a gain error or positive offset error
will affect the output when it is close to VDD. A positive gain
error or positive offset will cause the output to be limited to
the positive supply voltage resulting in a dead-band of
codes close to full-scale. This can be avoided by using a
reference voltage slightly less then 0.5 x VDD ensuring that
the full-scale of the DAC is always less than VDD.
DEADBAND
NEGATIVE
OFFSET
Figure 5: Effect of Negative Offset
DEADBAND
POSITIVE
OFFSET
OFFSET AND
GAIN ERROR
VDD
Figure 6: Effect of Gain Error and Positive Offset


Similar Part No. - ICM7342MG

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7341 ICMIC-ICM7341 Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7341M ICMIC-ICM7341M Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7341MG ICMIC-ICM7341MG Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7341S ICMIC-ICM7341S Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7341SG ICMIC-ICM7341SG Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results

Similar Description - ICM7342MG

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7361 ICMIC-ICM7361 Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Maxim Integrated Produc...
MAX5294 MAXIM-MAX5294 Datasheet
941Kb / 33P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 0; 11/03
MAX5290 MAXIM-MAX5290_07 Datasheet
846Kb / 35P
   Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
logo
Analog Devices
LTC2633 AD-LTC2633 Datasheet
971Kb / 24P
   Dual 12-/10-/8-Bit I2C DACs
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
logo
IC MICROSYSTEMS
ICM7373 ICMIC-ICM7373 Datasheet
121Kb / 11P
   Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
logo
Maxim Integrated Produc...
MAX5580 MAXIM-MAX5580_07 Datasheet
1,001Kb / 36P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5590 MAXIM-MAX5590 Datasheet
1Mb / 33P
   Buffered, Fast-Settling, Octal, 12/10/8-Bit, Voltage-Output DACs
19-2983; Rev 0; 9/03
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com