Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7343QG Datasheet(PDF) 2 Page - IC MICROSYSTEMS

Part # ICM7343QG
Description  QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7343QG Datasheet(HTML) 2 Page - IC MICROSYSTEMS

  ICM7343QG Datasheet HTML 1Page - IC MICROSYSTEMS ICM7343QG Datasheet HTML 2Page - IC MICROSYSTEMS ICM7343QG Datasheet HTML 3Page - IC MICROSYSTEMS ICM7343QG Datasheet HTML 4Page - IC MICROSYSTEMS ICM7343QG Datasheet HTML 5Page - IC MICROSYSTEMS ICM7343QG Datasheet HTML 6Page - IC MICROSYSTEMS ICM7343QG Datasheet HTML 7Page - IC MICROSYSTEMS ICM7343QG Datasheet HTML 8Page - IC MICROSYSTEMS ICM7343QG Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ICM7363/7343/7323
QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
Rev. A8
ICmic reserves the right to change the specifications without prior notice.
2
IC MICROSYSTEMS
ICmic
PACKAGE
16-Pin QSOP
PIN DESCRIPTION
Pin No
Symbol
Description
1
VDD
Supply Voltage
2
VOUT A
DAC A Output
3
REF A
DAC A Reference Input
4
VOUT B
DAC B Output
5
REF B
DAC B Reference Input
6
REFOUT
Reference Output (1.25V)
7
CLR
Clear Input (TTL or CMOS)
8
SDI
Serial Data Input (TTL or CMOS)
9
SCK
Serial Clock Input (TTL or CMOS)
10
SDO
Serial Data Output
11
CS
Chip Select (TTL or CMOS)
12
REF C
DAC C Reference Input
13
VOUT C
DAC C Output
14
REF D
DAC D Reference Input
15
VOUT D
DAC D Output
16
GND
Ground
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
-0.3 to 7.0
V
IIN
Input Current
+/- 25.0
mA
VIN_
Digital Input Voltage (SCK, SDI, CS, CLR)
-0.3 to 7.0
V
VIN_REF
Reference Input Voltage
-0.3 to 7.0
V
TSTG
Storage Temperature
-65 to +150
oC
1
V
DD
2
V
OUTA
3
REF
A
4
V
OUTB
5
REF
B
6
REFOUT
7
CLR
8
SDI
16 GND
15 V
OUTD
14 REF
D
13 V
OUTC
12 REF
C
11 CS
10 SDO
9 SCK
1
V
DD
1
V
DD
2
V
OUTA
2
V
OUTA
3
REF
A
3
REF
A
4
V
OUTB
4
V
OUTB
5
REF
B
5
REF
B
6
REFOUT 6
REFOUT
7
CLR
8
SDI 8
SDI
16 GND
16 GND
15 V
OUTD
15 V
OUTD
14 REF
D
14 REF
D
13 V
OUTC
13 V
OUTC
12 REF
C
12 REF
C
11 CS
11 CS
10 SDO
10 SDO
9 SCK
9 SCK


Similar Part No. - ICM7343QG

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7341 ICMIC-ICM7341 Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7341M ICMIC-ICM7341M Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7341MG ICMIC-ICM7341MG Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7341S ICMIC-ICM7341S Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7341SG ICMIC-ICM7341SG Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results

Similar Description - ICM7343QG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5580 MAXIM-MAX5580_07 Datasheet
1,001Kb / 36P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7361 ICMIC-ICM7361 Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7620 ICMIC-ICM7620 Datasheet
222Kb / 12P
   12/10/8-Bit Low Power Voltage Output Quad DACs With Parallel Interface
logo
Analog Devices
LTC2635 AD-LTC2635 Datasheet
736Kb / 32P
   Quad 12-/10-/8-Bit I2C DACs Reference
logo
IC MICROSYSTEMS
ICM7377B ICMIC-ICM7377B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
logo
Analog Devices
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
ADT7318 AD-ADT7318_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
logo
IC MICROSYSTEMS
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com