Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7337B Datasheet(PDF) 4 Page - IC MICROSYSTEMS

Part # ICM7337B
Description  Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7337B Datasheet(HTML) 4 Page - IC MICROSYSTEMS

  ICM7337B Datasheet HTML 1Page - IC MICROSYSTEMS ICM7337B Datasheet HTML 2Page - IC MICROSYSTEMS ICM7337B Datasheet HTML 3Page - IC MICROSYSTEMS ICM7337B Datasheet HTML 4Page - IC MICROSYSTEMS ICM7337B Datasheet HTML 5Page - IC MICROSYSTEMS ICM7337B Datasheet HTML 6Page - IC MICROSYSTEMS ICM7337B Datasheet HTML 7Page - IC MICROSYSTEMS ICM7337B Datasheet HTML 8Page - IC MICROSYSTEMS ICM7337B Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ICM7377B/7357B/7337B
Quad 12/10/8-Bit Voltage Output DACs
with Serial Interface and Adjustable Output Gain
Rev. A8
ICmic reserves the right to change the specifications without prior notice.
4
IC MICROSYSTEMS
ICmic
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Output Voltage Range
(Note 3)
0
VDD
V
VOSC
Short Circuit Current
60
150
mA
ROUT
Amp Output Impedance
At Mid-scale (Note 2)
At 0-scale (Note 2)
1.0
100
5.0
200
Output Line Regulation
VDD=2.7 to 5.5 V
0.4
3.0
mV/V
LOGIC INPUTS
VIH
Digital Input High
(Note 2)
2.4
V
VIL
Digital Input Low
(Note 2)
0.8
V
Digital Input Leakage
5
µΑ
REFERENCE
VREFOUT
Reference Output
1.2
1.25
1.3
V
Reference Output Line
Regulation
VDD=2.7 to 5.5 V
0.8
4.0
mV/V
AC ELECTRICAL CHARACTERISTICS
(VDD = 2.7V to 5.5V; VOUT unloaded; all specifications TMIN to TMAX unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
SR
Slew Rate
2
V/µs
Settling Time
8
µs
Mid-scale Transition Glitch
Energy
40
nV-S
Note 1:
Linearity is defined from code 64 to 4095 (ICM7377B)
Linearity is defined from code 16 to 1023 (ICM7357B)
Linearity is defined from code 4 to 255 (ICM7337B)
Note 2:
Guaranteed by design; not tested in production
Note 3:
See Applications Information
Note 4:
All digital inputs are either at GND or VDD
TIMING CHARACTERISTICS
(VDD = 2.7V to 5.5V; all specifications TMIN to TMAX unless otherwise noted)
Symbol
Parameter
Test
Conditions
Min
Typ
Max
Unit
t1
SCK Cycle Time
(Note 2)
30
ns
t2
Data Setup Time
(Note 2)
10
ns
t3
Data Hold Time
(Note 2)
10
ns
t4
SCK Falling edge to CS Rising Edge
(Note 2)
0
ns
t5
Falling Edge to SCK Rising Edge
CS
(Note 2)
15
ns
t6
Pulse Width
CS
(Note 2)
20
ns


Similar Part No. - ICM7337B

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7332 ICMIC-ICM7332 Datasheet
184Kb / 11P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS with Serial Interface and Adjustable Output Offset
ICM7332Q ICMIC-ICM7332Q Datasheet
184Kb / 11P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS with Serial Interface and Adjustable Output Offset
ICM7332QG ICMIC-ICM7332QG Datasheet
184Kb / 11P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS with Serial Interface and Adjustable Output Offset
ICM7333 ICMIC-ICM7333 Datasheet
121Kb / 11P
   Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
ICM7333Q ICMIC-ICM7333Q Datasheet
121Kb / 11P
   Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
More results

Similar Description - ICM7337B

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7373 ICMIC-ICM7373 Datasheet
121Kb / 11P
   Dual 12/10/8-Bit Voltage Output DACs Serial Interface with Adjustable Output Gain
ICM7372 ICMIC-ICM7372 Datasheet
184Kb / 11P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS with Serial Interface and Adjustable Output Offset
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX536 MAXIM-MAX536_11 Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
MAX536 MAXIM-MAX536 Datasheet
361Kb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 2a; 1/97
logo
IC MICROSYSTEMS
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7562 ICMIC-ICM7562 Datasheet
186Kb / 10P
   12/10/8-Bit Low Power Dual DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
logo
IC MICROSYSTEMS
ICM7620 ICMIC-ICM7620 Datasheet
222Kb / 12P
   12/10/8-Bit Low Power Voltage Output Quad DACs With Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com