Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7363Q Datasheet(PDF) 8 Page - IC MICROSYSTEMS

Part # ICM7363Q
Description  QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7363Q Datasheet(HTML) 8 Page - IC MICROSYSTEMS

Back Button ICM7363Q Datasheet HTML 2Page - IC MICROSYSTEMS ICM7363Q Datasheet HTML 3Page - IC MICROSYSTEMS ICM7363Q Datasheet HTML 4Page - IC MICROSYSTEMS ICM7363Q Datasheet HTML 5Page - IC MICROSYSTEMS ICM7363Q Datasheet HTML 6Page - IC MICROSYSTEMS ICM7363Q Datasheet HTML 7Page - IC MICROSYSTEMS ICM7363Q Datasheet HTML 8Page - IC MICROSYSTEMS ICM7363Q Datasheet HTML 9Page - IC MICROSYSTEMS ICM7363Q Datasheet HTML 10Page - IC MICROSYSTEMS  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ICM7363/7343/7323
QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
Rev. A8
ICmic reserves the right to change the specifications without prior notice.
8
IC MICROSYSTEMS
ICmic
APPLICATIONS INFORMATION
Power Supply Bypassing and Layout Considerations
As in any precision circuit, careful consideration has to be
given to layout of the supply and ground. The return path
from the GND to the supply ground should be short with
low impedance. Using a ground plane would be ideal. The
supply should have some bypassing on it. A 10 µF
tantalum capacitor in parallel with a 0.1 µF ceramic with a
low ESR can be used. Ideally these would be placed as
close as possible to the device. Avoid crossing digital and
analog signals, specially the reference, or running them
close to each other.
Output Swing Limitations
The ideal rail-to-rail DAC would swing from GND to VDD
however, offset and gain error limit this ability. Figure 5
illustrates how a negative offset error will affect the output.
The output will limit close to ground since this is single
supply part, resulting in a deadband area. As a larger input
is loaded into the DAC the output will eventually rise above
ground. This is why the linearity is specified for a starting
code greater than zero.
Figure 6 illustrates how a gain error or positive offset error
will affect the output when it is close to VDD. A positive gain
error or positive offset will cause the output to be limited to
the positive supply voltage resulting in a deadband of
codes close to full-scale. This can be avoided by using a
reference voltage slightly less then 0.5 x VDD ensuring that
the full-scale of the DAC is always less than VDD.
DEADBAND
NEGATIVE
OFFSET
Figure 5: Effect of Negative Offset
DEADBAND
POSITIVE
OFFSET
OFFSET AND
GAIN ERROR
VDD
Figure 6: Effect of Gain Error and Positive Offset


Similar Part No. - ICM7363Q

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7361 ICMIC-ICM7361 Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7361M ICMIC-ICM7361M Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7361MG ICMIC-ICM7361MG Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7361S ICMIC-ICM7361S Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7361SG ICMIC-ICM7361SG Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
More results

Similar Description - ICM7363Q

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5580 MAXIM-MAX5580_07 Datasheet
1,001Kb / 36P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
logo
IC MICROSYSTEMS
ICM7362 ICMIC-ICM7362 Datasheet
136Kb / 9P
   DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7361 ICMIC-ICM7361 Datasheet
167Kb / 9P
   SINGLE 12/10/8-BIT VOLTAGE-OUTPUT DACS
ICM7620 ICMIC-ICM7620 Datasheet
222Kb / 12P
   12/10/8-Bit Low Power Voltage Output Quad DACs With Parallel Interface
logo
Analog Devices
LTC2635 AD-LTC2635 Datasheet
736Kb / 32P
   Quad 12-/10-/8-Bit I2C DACs Reference
logo
IC MICROSYSTEMS
ICM7377B ICMIC-ICM7377B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
logo
Analog Devices
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
ADT7318 AD-ADT7318_15 Datasheet
3Mb / 44P
   0.5C Accurate Digital Temperature Sensor and Quad Voltage Output 12-/10-/8-Bit DACs
Rev. B
logo
IC MICROSYSTEMS
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com