Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7600 Datasheet(PDF) 1 Page - IC MICROSYSTEMS

Part # ICM7600
Description  12/10/8-Bit Low Power Voltage Output Quad DACs With Parallel Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

ICM7600 Datasheet(HTML) 1 Page - IC MICROSYSTEMS

  ICM7600 Datasheet HTML 1Page - IC MICROSYSTEMS ICM7600 Datasheet HTML 2Page - IC MICROSYSTEMS ICM7600 Datasheet HTML 3Page - IC MICROSYSTEMS ICM7600 Datasheet HTML 4Page - IC MICROSYSTEMS ICM7600 Datasheet HTML 5Page - IC MICROSYSTEMS ICM7600 Datasheet HTML 6Page - IC MICROSYSTEMS ICM7600 Datasheet HTML 7Page - IC MICROSYSTEMS ICM7600 Datasheet HTML 8Page - IC MICROSYSTEMS ICM7600 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ICM7620/7610/7600
Rev. A7
ICmic reserves the right to change specifications without prior notice
12/10/8-Bit Low Power Voltage Output
Quad DACs With Parallel Interface
FEATURES
12/10/8-Bit Quad DAC s
Ultra-Low Power Consumption
Guaranteed Monotonic
Wide Voltage Swing Output Buffer
Parallel Interface with Double Buffered Inputs
Shutdown Capability
APPLICATION
Battery-Powered Applications
Industrial Process Control
Digital Gain and Offset Adjustment
OVERVIEW
The ICM7620, ICM7610 and ICM7600 are 12-Bit, 10-Bit
and 8-Bit Voltage Output, Low Power, Quad DACs
respectively, with guaranteed monotonic behavior. These
DACs are available in 20 and 24 Lead TSSOP packages.
The input interface for the devices is 12 (ICM7620), 10
(ICM7610) and 8 (ICM7600) bit parallel interface. They
operate from a single supply which can range from 2.7V to
5.5V.
These DACs also offer a shutdown feature. When active,
this will shutdown all DACs and would disconnect the REF
input from the DACs internally. The supply current is
reduced to below 10 A in shutdown mode.
BLOCK DIAGRAM
INPUT
CONTROL
LOGIC
INPUT LATCH A
REF
VOA
ICM7620/7610/7600
DAC A
LATCH
DAC A
x 2
POWER DOWN CONTROL
INPUT LATCH B
DAC B
LATCH
DAC B
x 2
VOB
A1, A0
SHDN
WR
INPUT LATCH C
DAC C
LATCH
DAC C
x 2
INPUT LATCH D
DAC D
LATCH
DAC D
x 2
VOC
VOD
LDAC
INPUT
DATA
IC MICROSYSTEMS
ICmic


Similar Part No. - ICM7600

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7655ITV INTERSIL-ICM7655ITV Datasheet
4Mb / 162P
   TIMERS COUNTERS AND DISPLAY DRIVERS
More results

Similar Description - ICM7600

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
   12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
ICM7363 ICMIC-ICM7363 Datasheet
132Kb / 10P
   QUAD 12/10/8-BIT VOLTAGE-OUTPUT DACS
logo
Maxim Integrated Produc...
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
   Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
logo
IC MICROSYSTEMS
ICM7377B ICMIC-ICM7377B Datasheet
133Kb / 11P
   Quad 12/10/8-Bit Voltage Output DACs with Serial Interface and Adjustable Output Gain
ICM7562 ICMIC-ICM7562 Datasheet
186Kb / 10P
   12/10/8-Bit Low Power Dual DACs With Serial Interface and Voltage Output
logo
Analog Devices
AD5336 AD-AD5336_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5335 AD-AD5335_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5301 AD-AD5301_16 Datasheet
433Kb / 24P
   2-Wire Interface, Voltage-Output 8-/10-/12-Bit DACs
logo
Maxim Integrated Produc...
MAX536 MAXIM-MAX536_11 Datasheet
2Mb / 24P
   Calibrated, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 3; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com