Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL2F94-2S Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SPL2F94-2S
Description  Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPL2F94-2S Datasheet(HTML) 5 Page - OSRAM GmbH

  SPL2F94-2S Datasheet HTML 1Page - OSRAM GmbH SPL2F94-2S Datasheet HTML 2Page - OSRAM GmbH SPL2F94-2S Datasheet HTML 3Page - OSRAM GmbH SPL2F94-2S Datasheet HTML 4Page - OSRAM GmbH SPL2F94-2S Datasheet HTML 5Page - OSRAM GmbH SPL2F94-2S Datasheet HTML 6Page - OSRAM GmbH SPL2F94-2S Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SPL 2F94-2S
2007-04-13
5
Optische Kennwerte
Optical Output Power
P
opt vs.
Forward Current
I
F (TA = 25 °C)
SPL 2F94-2S
NTC Thermistor
R
T = R0 × exp (B × (1/T – 1/T0))
R
0 = 10 kΩ ± 3%, T0 = 25 °C = 298 K, B = 3730 K
Optical Characteristics
Optical Spectrum, Relative Intensity
Ι
rel vs.
Wavelength λ (
T
A = 25 °C, Popt = 1.5 W)
SPL 2F94-2S
OHW00796
0
0
I
F
opt
P
1
2
3
A
W
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
OHL01668
0
NTC
R
T
350
250
200
50
100
150
k
-40 -20
0
20
60
40
˚C 100
OHW00798
0
920
λ
930
940
950
960
nm
0.25
0.5
0.75
1
%
Ι
rel


Similar Part No. - SPL2F94-2S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SPL2F94 SIEMENS-SPL2F94 Datasheet
122Kb / 6P
   Laser Diode in TO-220 Package with FC-connector 0.75 W cw Class 4 Laser Product
More results

Similar Description - SPL2F94-2S

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPL2F81-2S OSRAM-SPL2F81-2S Datasheet
211Kb / 7P
   Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPL-2F81-2S OSRAM-SPL-2F81-2S Datasheet
206Kb / 8P
   Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPL-2F94-2S OSRAM-SPL-2F94-2S Datasheet
203Kb / 8P
   Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
logo
Siemens Semiconductor G...
SPL2FXX SIEMENS-SPL2FXX Datasheet
122Kb / 6P
   Laser Diode in TO-220 Package with FC-connector 0.75 W cw Class 4 Laser Product
logo
OSRAM GmbH
SPL2Y94-2S OSRAM-SPL2Y94-2S Datasheet
208Kb / 7P
   Laser Diode in TO-220 Package 2.0 W cw
SPL2Y81-2S OSRAM-SPL2Y81-2S Datasheet
208Kb / 7P
   Laser Diode in TO-220 Package 2.0 W cw
logo
Siemens Semiconductor G...
SPL2YXX SIEMENS-SPL2YXX Datasheet
115Kb / 6P
   Laser Diode in TO-220 Package 1.0 W cw Class 4 Laser Product
logo
OSRAM GmbH
SPLCG65 OSRAM-SPLCG65 Datasheet
180Kb / 7P
   Rote Laser Diode in offener Bauform 0.5 W cw
SPLCG81-2S OSRAM-SPLCG81-2S Datasheet
186Kb / 7P
   Laser Diode in offener Bauform 2.0 W cw (C-Mount)
SPLCG98 OSRAM-SPLCG98 Datasheet
187Kb / 7P
   Laser Diode in offener Bauform 2.0 W cw (C-Mount)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com