Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25040PIG-3 Datasheet(PDF) 1 Page - IC MICROSYSTEMS

Part # X25040PIG-3
Description  SPI Serial E2PROM with Block LockTM Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25040PIG-3 Datasheet(HTML) 1 Page - IC MICROSYSTEMS

  X25040PIG-3 Datasheet HTML 1Page - IC MICROSYSTEMS X25040PIG-3 Datasheet HTML 2Page - IC MICROSYSTEMS X25040PIG-3 Datasheet HTML 3Page - IC MICROSYSTEMS X25040PIG-3 Datasheet HTML 4Page - IC MICROSYSTEMS X25040PIG-3 Datasheet HTML 5Page - IC MICROSYSTEMS X25040PIG-3 Datasheet HTML 6Page - IC MICROSYSTEMS X25040PIG-3 Datasheet HTML 7Page - IC MICROSYSTEMS X25040PIG-3 Datasheet HTML 8Page - IC MICROSYSTEMS X25040PIG-3 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This X25040 device has been acquired by
IC MICROSYSTEMS from Xicor, Inc.
1
4K
X25040
512 x 8 Bit
©Xicor, Inc. 1994, 1995, 1996 Patents Pending
Characteristics subject to change without notice
6451-3.6 6/10/96 T5/C1/D0 NS
Direct Write™ and Block Lock™ Protection is a trademark of Xicor, Inc.
FEATURES
1MHz Clock Rate
SPI Modes (0,0 & 1,1)
512 X 8 Bits
4 Byte Page Mode
Low Power CMOS
—150
µA Standby Current
—3mA Active Current
2.7V To 5.5V Power Supply
Block Lock Protection
Protect 1/4, 1/2 or all of E
2PROM Array
Built-in Inadvertent Write Protection
—Power-Up/Power-Down protection circuitry
—Write Latch
Write Protect Pin
Self-Timed Write Cycle
—5ms Write Cycle Time (Typical)
High Reliability
—Endurance: 100,000 cycles per byte
—Data Retention: 100 Years
ESD protection: 2000V on all pins
8-Lead PDlP Package
8-Lead SOIC Package
DESCRIPTION
The X25040 is a CMOS 4096-bit serial E
2
PROM, internally
organized as 512 x 8. The X25040 features a Serial
Peripheral Interface (SPI) and software protocol allowing
operation on a simple three-wire bus. The bus
signals are a clock input (SCK) plus separate data in (SI) and
data out (SO) lines. Access to the device is controlled
through a chip select (CS) input, allowing any number of
devices to share the same bus.
The X25040 also features two additional inputs that
provide the end user with added flexibility. By asserting
the HOLD input, the X25040 will ignore transitions on its
inputs, thus allowing the host to service higher priority
interrupts. The WP input can be used as a hardwire input to
the X25040 disabling all write attempts, thus providing
a mechanism for limiting end user capability of altering the
memory.
The X25040 utilizes Xicor’s proprietary Direct Write™ cell,
providing a minimum endurance of 100,000 cycles
per byte and a minimum data retention of 100 years.
COMMAND
DECODE
AND
CONTROL
LOGIC
WRITE
CONTROL
AND
TIMING
LOGIC
WRITE
PROTECT
LOGIC
X DECODE
LOGIC
512 BYTE
ARRAY
32 X 32
Y DECODE
DATA REGISTER
32 X 32
64 X 32
SO
SI
SCK
CS
HOLD
WP
32
32
64
8
4
STATUS
REGISTER
6451 FHD F01
FUNCTIONAL DIAGRAM
SPI Serial E
2PROM with Block LockTM Protection
ICmic
IC MICROSYSTEMS
TM


Similar Part No. - X25040PIG-3

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25040PI XICOR-X25040PI Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040PI-2.7 XICOR-X25040PI-2.7 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040PI-3 XICOR-X25040PI-3 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
More results

Similar Description - X25040PIG-3

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25080 XICOR-X25080 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
Xicor Inc.
X25021 XICOR-X25021 Datasheet
60Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25020 XICOR-X25020 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25041 XICOR-X25041 Datasheet
62Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25320 XICOR-X25320 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25160 ICMIC-X25160 Datasheet
126Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25020 ICMIC-X25020 Datasheet
119Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com