Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC257 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74VHC257
Description  QUAD 2 CHANNEL MULTIPLEXER 3-STATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC257 Datasheet(HTML) 1 Page - STMicroelectronics

  74VHC257 Datasheet HTML 1Page - STMicroelectronics 74VHC257 Datasheet HTML 2Page - STMicroelectronics 74VHC257 Datasheet HTML 3Page - STMicroelectronics 74VHC257 Datasheet HTML 4Page - STMicroelectronics 74VHC257 Datasheet HTML 5Page - STMicroelectronics 74VHC257 Datasheet HTML 6Page - STMicroelectronics 74VHC257 Datasheet HTML 7Page - STMicroelectronics 74VHC257 Datasheet HTML 8Page - STMicroelectronics 74VHC257 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
November 2004
s
HIGH SPEED: tPD = 3.7ns (TYP.) at VCC = 5V
s
LOW POWER DISSIPATION:
ICC = 4 µA (MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 8mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 257
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.8V (MAX.)
DESCRIPTION
The 74VHC257 is an advanced high-speed
CMOS
QUAD
2-CHANNEL
MULTIPLEXER
(3-STATE) fabricated with sub-micron silicon gate
and double-layer metal wiring C2MOS technology.
It is composed of four independent 2-channel
multiplexers with common SELECT and ENABLE
(OE) INPUT. The VHC257 is a non-inverting
multiplexer. When the ENABLE INPUT is held
"High", all outputs become in high impedance
state. If SELECT INPUT is held "Low", "A" data is
selected, when SELECT INPUT is "High", "B" data
is chosen.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74VHC257
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
Figure 1: Pin Connection And IEC Logic Symbols
Table 1: Order Codes
PACKAGE
T & R
SOP
74VHC257MTR
TSSOP
74VHC257TTR
TSSOP
SOP
Rev. 4


Similar Part No. - 74VHC257

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
   DUAL 4-INPUT NAND GATE
June 1999
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
218Kb / 10P
   DUAL 4-INPUT NAND GATE
logo
Toshiba Semiconductor
74VHC20FT TOSHIBA-74VHC20FT Datasheet
146Kb / 7P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-18 Rev.3.0
logo
STMicroelectronics
74VHC20M STMICROELECTRONICS-74VHC20M Datasheet
51Kb / 7P
   DUAL 4-INPUT NAND GATE
June 1999
74VHC20MTR STMICROELECTRONICS-74VHC20MTR Datasheet
218Kb / 10P
   DUAL 4-INPUT NAND GATE
More results

Similar Description - 74VHC257

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC257F TOSHIBA-TC74VHC257F Datasheet
235Kb / 7P
   QUAD 2-CHANNEL MULTIPLEXER (3-STATE)
logo
STMicroelectronics
74AC257 STMICROELECTRONICS-74AC257 Datasheet
287Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
logo
Toshiba Semiconductor
TC74VHC257F TOSHIBA-TC74VHC257F_12 Datasheet
224Kb / 9P
   Quad 2-Channel Multiplexer (3-state)
logo
STMicroelectronics
74VHCT257A STMICROELECTRONICS-74VHCT257A_04 Datasheet
311Kb / 13P
   QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
74VHCT257A STMICROELECTRONICS-74VHCT257A Datasheet
70Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
logo
Toshiba Semiconductor
TC7MH257FK TOSHIBA-TC7MH257FK Datasheet
189Kb / 7P
   Quad 2-Channel Multiplexer (3-State)
TC74HC257AP TOSHIBA-TC74HC257AP_07 Datasheet
264Kb / 8P
   Quad 2-Channel Multiplexer (3-state)
logo
STMicroelectronics
74ACT257 STMICROELECTRONICS-74ACT257_01 Datasheet
286Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
M54HCT257 STMICROELECTRONICS-M54HCT257 Datasheet
255Kb / 12P
   HCT257 QUAD 2 CHANNEL MULTIPLEXER 3-STATE HCT258 QUAD 2 CHANNEL MULTIPLEXER 3-STATE, INVERTING
M74HC257 STMICROELECTRONICS-M74HC257 Datasheet
190Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com