Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25020PG-2.7 Datasheet(PDF) 8 Page - IC MICROSYSTEMS

Part # X25020PG-2.7
Description  SPI Serial E2PROM with Block LockTM Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25020PG-2.7 Datasheet(HTML) 8 Page - IC MICROSYSTEMS

Back Button X25020PG-2.7 Datasheet HTML 4Page - IC MICROSYSTEMS X25020PG-2.7 Datasheet HTML 5Page - IC MICROSYSTEMS X25020PG-2.7 Datasheet HTML 6Page - IC MICROSYSTEMS X25020PG-2.7 Datasheet HTML 7Page - IC MICROSYSTEMS X25020PG-2.7 Datasheet HTML 8Page - IC MICROSYSTEMS X25020PG-2.7 Datasheet HTML 9Page - IC MICROSYSTEMS X25020PG-2.7 Datasheet HTML 10Page - IC MICROSYSTEMS X25020PG-2.7 Datasheet HTML 11Page - IC MICROSYSTEMS X25020PG-2.7 Datasheet HTML 12Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
X25020
8
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
ICC
VCC Supply Current (Active)
3
mA
SCK = VCC x 0.1/VCC x 0.9 @ 1MHz,
SO = Open
ISB
VCC Supply Current
10
µA
CS = VCC, VIN = VSS or VCC – 0.3V
(Standby)
ILI
Input Leakage Current
10
µAVIN = VSS to VCC
ILO
Output Leakage Current
10
µAVOUT = VSS to VCC
VIL(1)
Input LOW Voltage
–0.5
VCC x 0.3
V
VIH(1) Input HIGH Voltage
VCC x 0.7 VCC + 0.5
V
VOL
Output LOW Voltage
0.4
V
IOL = 2mA
VOH
Output HIGH Voltage
VCC – 0.8
V
IOH = –1mA
3834 PGM T07.5
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
listed in the operational sections of this specification is
not implied. Exposure to absolute maximum rating con-
ditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias .................. –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with Respect to VSS ......... –1V to +7V
D.C. Output Current ............................................. 5mA
Lead Temperature
(Soldering, 10 seconds) .............................. 300
°C
Supply Voltage
Limits
X25020
5V
±10%
X25020–3
3V to 5.5V
X25020–2.7
2.7V to 5.5V
3834 PGM T06.1
POWER-UP TIMING
Symbol
Parameter
Min.
Max.
Units
tPUR(2)
Power-up to Read Operation
1
ms
tPUW(2)
Power-up to Write Operation
5
ms
3834 PGM T08
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V.
Symbol
Test
Max.
Units
Conditions
COUT(2)
Output Capacitance (SO)
8
pF
VOUT = 0V
CIN(2)
Input Capacitance (SCK, SI,
CS, WP, HOLD)6
pF
VIN = 0V
3834 PGM T09.1
Notes:
(1) VIL min. and VIH max. are for reference only and are not tested.
(2) This parameter is periodically sampled and not 100% tested.
RECOMMENDED OPERATING CONDITIONS
Temp
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
3834 PGM T05.2


Similar Part No. - X25020PG-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25020P XICOR-X25020P Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25020P-2.7 XICOR-X25020P-2.7 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25020P-3 XICOR-X25020P-3 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25020PI XICOR-X25020PI Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25020PI-2.7 XICOR-X25020PI-2.7 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
More results

Similar Description - X25020PG-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25080 XICOR-X25080 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
Xicor Inc.
X25021 XICOR-X25021 Datasheet
60Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25020 XICOR-X25020 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25041 XICOR-X25041 Datasheet
62Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25320 XICOR-X25320 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25160 ICMIC-X25160 Datasheet
126Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25040 ICMIC-X25040 Datasheet
117Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com