Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25097VG-2.7 Datasheet(PDF) 8 Page - IC MICROSYSTEMS

Part # X25097VG-2.7
Description  5MHz Low Power SPI Serial E2PROM with IDLockTM Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25097VG-2.7 Datasheet(HTML) 8 Page - IC MICROSYSTEMS

Back Button X25097VG-2.7 Datasheet HTML 4Page - IC MICROSYSTEMS X25097VG-2.7 Datasheet HTML 5Page - IC MICROSYSTEMS X25097VG-2.7 Datasheet HTML 6Page - IC MICROSYSTEMS X25097VG-2.7 Datasheet HTML 7Page - IC MICROSYSTEMS X25097VG-2.7 Datasheet HTML 8Page - IC MICROSYSTEMS X25097VG-2.7 Datasheet HTML 9Page - IC MICROSYSTEMS X25097VG-2.7 Datasheet HTML 10Page - IC MICROSYSTEMS X25097VG-2.7 Datasheet HTML 11Page - IC MICROSYSTEMS X25097VG-2.7 Datasheet HTML 12Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
X25097
8
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias ................... –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with
Respect to VSS ................................... –1V to +7V
D.C. Output Current.............................................. 5mA
Lead Temperature
(Soldering, 10 seconds).............................. 300
°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating con-
ditions for extended periods may affect device reliability.
7038 FRM T05
Supply Voltage
Limits
X25097
4.5V to 5.5V
X25097-2.7
2.7V to 5.5V
X25097-1.8
1.8V to 3.6V
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions, unless otherwise specified.)
7038 FRM T06
POWER-UP TIMING
7038 FRM T07
Notes: (1) VIL Min. and VIH Max. are for reference only and are not 100% tested.
(2) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. These parameters
are periodically sampled and not 100% tested.
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
ICC1
VCC Supply Current (Write)
3
mA
SCK = VCC x 0.1/VCC x 0.9 @ 5MHz,
SO = Open, CS =
VSS
ICC2
VCC Supply Current (Read)
400
µA
SCK = VCC x 0.1/VCC x 0.9 @ 5MHz,
SO = Open, CS =
VSS
ISB
VCC Supply Current (Standby)
1
µA
CS = VCC, VIN = VSS or VCC
ILI
Input Leakage Current
10
µA
VIN = VSS to VCC
ILO
Output Leakage Current
10
µA
VOUT = VSS to VCC
VIL
(1)
Input LOW Voltage
–0.5
VCC x 0.3
V
VIH
(1)
Input HIGH Voltage
VCC x 0.7 VCC + 0.5
V
VOL1
Output LOW Voltage
0.4
V
VCC > 3.3V, IOL = 2.1mA
VOL2
Output LOW Voltage
0.4
V
2V < VCC ≤ 3.3V, IOL = 1mA
VOL3
Output LOW Voltage
0.4
V
VCC ≤ 2V, IOL = 0.5mA
VOH1
Output HIGH Voltage
VCC – 0.8
V
VCC > 3.3V, IOH = -1.0mA
VOH2
Output HIGH Voltage
VCC – 0.4
V
2V < VCC ≤ 3.3V, IOH = -0.4mA
VOH3
Output HIGH Voltage
VCC – 0.2
V
VCC ≤ 2V, IOH = -0.25mA
Symbol
Parameter
Min.
Max.
Units
tPUR
(2)
Power-up to Read Operation
1
ms
tPUW
(2)
Power-up to Write Operation
5
ms
RECOMMENDED OPERATING CONDITIONS
7038 FRM T04
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C


Similar Part No. - X25097VG-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25097V XICOR-X25097V Datasheet
71Kb / 15P
   5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
X25097V-1.8 XICOR-X25097V-1.8 Datasheet
71Kb / 15P
   5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
X25097V-2.7 XICOR-X25097V-2.7 Datasheet
71Kb / 15P
   5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
X25097VI XICOR-X25097VI Datasheet
71Kb / 15P
   5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
X25097VI-1.8 XICOR-X25097VI-1.8 Datasheet
71Kb / 15P
   5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
More results

Similar Description - X25097VG-2.7

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25057 ICMIC-X25057 Datasheet
336Kb / 16P
   5MHz Low Power SPI Serial E2PROM with IDLock??Memory
X25650 ICMIC-X25650 Datasheet
134Kb / 14P
   5MHz SPI Serial E2PROM with Block Lock Protection
logo
Xicor Inc.
X25138 XICOR-X25138 Datasheet
88Kb / 18P
   5MHz SPI Serial E2PROM with Block Lock PROTECTION
X25057 XICOR-X25057 Datasheet
74Kb / 16P
   5MHz Low Power SPI Serial E 2 PROM with IDLock??Memory
X25097 XICOR-X25097 Datasheet
71Kb / 15P
   5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
logo
ABLIC Inc.
S-25C128A ABLIC-S-25C128A Datasheet
448Kb / 31P
   SPI SERIAL E2PROM
Rev.4.2_03_H
S-25C010A ABLIC-S-25C010A Datasheet
703Kb / 48P
   SPI SERIAL E2PROM
Rev.4.3_02_C
S-25C256A ABLIC-S-25C256A Datasheet
449Kb / 31P
   SPI SERIAL E2PROM
Rev.2.2_03_S
S-25C080A ABLIC-S-25C080A Datasheet
689Kb / 46P
   SPI SERIAL E2PROM
Rev.6.0_00_C
S-25CM01A ABLIC-S-25CM01A Datasheet
397Kb / 28P
   SPI SERIAL E2PROM
Rev.2.2_03_S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com