Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74VHC257T Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74VHC257T
Description  QUAD 2 CHANNEL MULTIPLEXER 3-STATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC257T Datasheet(HTML) 5 Page - STMicroelectronics

  74VHC257T Datasheet HTML 1Page - STMicroelectronics 74VHC257T Datasheet HTML 2Page - STMicroelectronics 74VHC257T Datasheet HTML 3Page - STMicroelectronics 74VHC257T Datasheet HTML 4Page - STMicroelectronics 74VHC257T Datasheet HTML 5Page - STMicroelectronics 74VHC257T Datasheet HTML 6Page - STMicroelectronics 74VHC257T Datasheet HTML 7Page - STMicroelectronics 74VHC257T Datasheet HTML 8Page - STMicroelectronics 74VHC257T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
74VHC257
5/14
Table 7: AC Electrical Characteristics (Input tr = tf = 3ns)
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5.0V
± 0.5V
Table 8: Capacitive Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/4 (per
channel)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay
Time A, B to Y
3.3(*)
15
5.8
9.3
1.0
11.0
1.0
11.0
ns
3.3(*)
50
8.3
12.8
1.0
14.5
1.0
14.5
5.0(**)
15
3.6
5.9
1.0
7.0
1.0
7.0
5.0(**)
50
5.1
7.9
1.0
9.0
1.0
9.0
tPLH
tPHL
Propagation Delay
Time
SELECT to Y
3.3(*)
15
7.0
11.0
1.0
13.0
1.0
13.0
ns
3.3(*)
50
9.5
14.5
1.0
16.5
1.0
16.5
5.0(**)
15
4.0
6.8
1.0
8.0
1.0
8.0
5.0(**)
50
5.5
8.8
1.0
10.0
1.0
10.0
tPZL
tPZH
Output Enable
Time
3.3(*)
15
RL = 1K
6.7
10.5
1.0
12.5
1.0
12.5
ns
3.3(*)
50
RL = 1K
9.2
14.0
1.0
16.0
1.0
16.0
5.0(**)
15
RL = 1K
3.6
6.8
1.0
8.0
1.0
8.0
5.0(**)
50
RL = 1K
5.1
8.8
1.0
10.0
1.0
10.0
tPLZ
tPHZ
Output Disable
Time
3.3(*)
50
RL = 1K
8.6
12.0
1.0
13.5
1.0
13.5
ns
5.0(**)
50
RL = 1K
5.7
7.9
1.0
9.0
1.0
9.0
Symbol
Parameter
Test Condition
Value
Unit
TA = 25°C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
610
10
10
pF
COUT
Output
Capacitance
8pF
CPD
Power Dissipation
Capacitance
(note 1)
18
pF


Similar Part No. - 74VHC257T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
   DUAL 4-INPUT NAND GATE
June 1999
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
218Kb / 10P
   DUAL 4-INPUT NAND GATE
logo
Toshiba Semiconductor
74VHC20FT TOSHIBA-74VHC20FT Datasheet
146Kb / 7P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-18 Rev.3.0
logo
STMicroelectronics
74VHC20M STMICROELECTRONICS-74VHC20M Datasheet
51Kb / 7P
   DUAL 4-INPUT NAND GATE
June 1999
74VHC20MTR STMICROELECTRONICS-74VHC20MTR Datasheet
218Kb / 10P
   DUAL 4-INPUT NAND GATE
More results

Similar Description - 74VHC257T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC257F TOSHIBA-TC74VHC257F Datasheet
235Kb / 7P
   QUAD 2-CHANNEL MULTIPLEXER (3-STATE)
logo
STMicroelectronics
74AC257 STMICROELECTRONICS-74AC257 Datasheet
287Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
logo
Toshiba Semiconductor
TC74VHC257F TOSHIBA-TC74VHC257F_12 Datasheet
224Kb / 9P
   Quad 2-Channel Multiplexer (3-state)
logo
STMicroelectronics
74VHCT257A STMICROELECTRONICS-74VHCT257A_04 Datasheet
311Kb / 13P
   QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
74VHCT257A STMICROELECTRONICS-74VHCT257A Datasheet
70Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
logo
Toshiba Semiconductor
TC7MH257FK TOSHIBA-TC7MH257FK Datasheet
189Kb / 7P
   Quad 2-Channel Multiplexer (3-State)
TC74HC257AP TOSHIBA-TC74HC257AP_07 Datasheet
264Kb / 8P
   Quad 2-Channel Multiplexer (3-state)
logo
STMicroelectronics
74ACT257 STMICROELECTRONICS-74ACT257_01 Datasheet
286Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
M54HCT257 STMICROELECTRONICS-M54HCT257 Datasheet
255Kb / 12P
   HCT257 QUAD 2 CHANNEL MULTIPLEXER 3-STATE HCT258 QUAD 2 CHANNEL MULTIPLEXER 3-STATE, INVERTING
M74HC257 STMICROELECTRONICS-M74HC257 Datasheet
190Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com