Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25642S8MG-2.7 Datasheet(PDF) 9 Page - IC MICROSYSTEMS

Part # X25642S8MG-2.7
Description  Advanced SPI Serial E2PROM with Block Lock Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25642S8MG-2.7 Datasheet(HTML) 9 Page - IC MICROSYSTEMS

Back Button X25642S8MG-2.7 Datasheet HTML 5Page - IC MICROSYSTEMS X25642S8MG-2.7 Datasheet HTML 6Page - IC MICROSYSTEMS X25642S8MG-2.7 Datasheet HTML 7Page - IC MICROSYSTEMS X25642S8MG-2.7 Datasheet HTML 8Page - IC MICROSYSTEMS X25642S8MG-2.7 Datasheet HTML 9Page - IC MICROSYSTEMS X25642S8MG-2.7 Datasheet HTML 10Page - IC MICROSYSTEMS X25642S8MG-2.7 Datasheet HTML 11Page - IC MICROSYSTEMS X25642S8MG-2.7 Datasheet HTML 12Page - IC MICROSYSTEMS X25642S8MG-2.7 Datasheet HTML 13Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
X25642
9
A.C. OPERATING CHARACTERISTICS
Data Input Timing
7037 FRM T12
Data Output Timing
7037 FRM T13
Notes: (4) This parameter is periodically sampled and not 100% tested.
(5) tWC is the time from the rising edge of CS after a valid write sequence has been sent to the end of the self-timed internal nonvolatile
write cycle.
Symbol
Parameter
Min.
Max.
Units
fSCK
Clock Frequency
0
2
MHz
tCYC
Cycle Time
500
ns
tLEAD
CS Lead Time
250
ns
tLAG
CS Lag Time
250
ns
tWH
Clock HIGH Time
200
ns
tWL
Clock LOW Time
200
ns
tSU
Data Setup Time
50
ns
tH
Data Hold Time
50
ns
tRI
(4)
Data In Rise Time
2
µs
tFI
(4)
Data In Fall Time
2
µs
tHD
HOLD Setup Time
100
ns
tCD
HOLD Hold Time
100
ns
tCS
CS Deselect Time
2.0
µs
tWC
(5)
Write Cycle Time
10
ms
Symbol
Parameter
Min.
Max.
Units
fSCK
Clock Frequency
0
2
MHz
tDIS
Output Disable Time
250
ns
tV
Output Valid from Clock LOW
200
ns
tHO
Output Hold Time
0
ns
tRO
(4)
Output Rise Time
100
ns
tFO
(4)
Output Fall Time
100
ns
tLZ
(4)
HOLD HIGH to Output in Low Z
100
ns
tHZ
(4)
HOLD LOW to Output in High Z
100
ns
A.C. CONDITIONS OF TEST
7037 FRM T11
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and Fall Times
10ns
Input and OutputTiming Levels
VCC X 0.5
EQUIVALENT A.C. LOAD CIRCUIT
OUTPUT
3132 ILL F09.2
5V
1.44K
1.95K
100pF
OUTPUT
3V
1.64K
4.63K
100pF


Similar Part No. - X25642S8MG-2.7

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25642S8M XICOR-X25642S8M Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25642S8M-2.7 XICOR-X25642S8M-2.7 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
More results

Similar Description - X25642S8MG-2.7

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
logo
Xicor Inc.
X25640 XICOR-X25640 Datasheet
64Kb / 14P
   Advanced SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25650 ICMIC-X25650 Datasheet
134Kb / 14P
   5MHz SPI Serial E2PROM with Block Lock Protection
logo
Xicor Inc.
X25138 XICOR-X25138 Datasheet
88Kb / 18P
   5MHz SPI Serial E2PROM with Block Lock PROTECTION
X24165 XICOR-X24165 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
Xicor Inc.
X25021 XICOR-X25021 Datasheet
60Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25080 XICOR-X25080 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com