Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25650V20IG Datasheet(PDF) 1 Page - IC MICROSYSTEMS

Part # X25650V20IG
Description  5MHz SPI Serial E2PROM with Block Lock Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25650V20IG Datasheet(HTML) 1 Page - IC MICROSYSTEMS

  X25650V20IG Datasheet HTML 1Page - IC MICROSYSTEMS X25650V20IG Datasheet HTML 2Page - IC MICROSYSTEMS X25650V20IG Datasheet HTML 3Page - IC MICROSYSTEMS X25650V20IG Datasheet HTML 4Page - IC MICROSYSTEMS X25650V20IG Datasheet HTML 5Page - IC MICROSYSTEMS X25650V20IG Datasheet HTML 6Page - IC MICROSYSTEMS X25650V20IG Datasheet HTML 7Page - IC MICROSYSTEMS X25650V20IG Datasheet HTML 8Page - IC MICROSYSTEMS X25650V20IG Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
5MHz SPI Serial E
2
PROM with Block Lock
TM
Protection
64K
8K x 8 Bit
©
Xicor, Inc. 1994, 1995, 1996 Patents Pending
1
Characteristics subject to change without notice
7037–1.5 6/19/97 T1/C0/D0 SH
X25650
FEATURES
5MHz Clock Rate
Low Power CMOS
<1µA Standby Current
<5mA Active Current
2.5V To 5.5V Power Supply
SPI Modes (0,0 & 1,1)
8K X 8 Bits
32 Byte Page Mode
Block Lock™ Protection
Protect 1/4, 1/2 or all of E
2PROM Array
Programmable Hardware Write Protection
In-Circuit Programmable ROM Mode
Built-in Inadvertent Write Protection
Power-Up/Down protection circuitry
Write Enable Latch
Write Protect Pin
Self-Timed Write Cycle
5ms Write Cycle Time (Typical)
High Reliability
Endurance: 100,000 cycles
Data Retention: 100 Years
ESD protection: 2000V on all pins
Packages
8-Lead SOIC
20-Lead TSSOP
DESCRIPTION
The X25650 is a CMOS 65,536-bit serial E
2
PROM,
internally organized as 8K x 8. The X25650 features a
Serial Peripheral Interface (SPI) and software protocol
allowing operation on a simple three-wire bus. The bus
signals are a clock input (SCK) plus separate data in (SI)
and data out (SO) lines. Access to the device is
controlled through a chip select (CS) input, allowing any
number of devices to share the same bus.
The X25650 also features two additional inputs that
provide the end user with added flexibility. By
asserting the HOLD input, the X25650 will ignore tran-
sitions on its inputs, thus allowing the host to service
higher priority interrupts. The WP input can be used as a
hardwire input to the X25650 disabling all write
attempts to the status register, thus providing a mech-
anism for limiting end user capability of altering 0, 1/4,
1/2 or all of the memory.
The X25650 utilizes Xicor’s proprietary Direct Write
TM cell,
providing a minimum endurance of 100,000
cycles and a minimum data retention of 100 years.
COMMAND
DECODE
AND
CONTROL
LOGIC
WRITE
CONTROL
AND
TIMING
LOGIC
WRITE
PROTECT
LOGIC
X DECODE
LOGIC
8K BYTE
ARRAY
64 X 256
Y DECODE
DATA REGISTER
SO
SI
SCK
CS
HOLD
WP
64
128
8
32
STATUS
REGISTER
64
128 X 256
64 X 256
7037 FRM F01
Direct Write
TM and Block LockTM Protection is a trademark of Xicor, Inc.
FUNCTIONAL DIAGRAM
This X25650 device has been acquired by
IC MICROSYSTEMS from Xicor, Inc.
ICmic
IC MICROSYSTEMS
TM


Similar Part No. - X25650V20IG

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25650V20I XICOR-X25650V20I Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25650V20I-2.5 XICOR-X25650V20I-2.5 Datasheet
77Kb / 14P
   5MHz SPI Serial E 2 PROM with Block Lock TM Protection
More results

Similar Description - X25650V20IG

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25138 XICOR-X25138 Datasheet
88Kb / 18P
   5MHz SPI Serial E2PROM with Block Lock PROTECTION
logo
IC MICROSYSTEMS
X25128 ICMIC-X25128 Datasheet
135Kb / 15P
   SPI Serial E2PROM with Block Lock Protection
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
X25330 ICMIC-X25330 Datasheet
131Kb / 14P
   5MHz SPI Serial E2 PROM with Block Lock Protection
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
Xicor Inc.
X25021 XICOR-X25021 Datasheet
60Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
IC MICROSYSTEMS
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
   5MHz SPI Serial E 2 PROM with Block Lock ??Protection
logo
Xicor Inc.
X25080 XICOR-X25080 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com