Electronic Components Datasheet Search |
|
X84641G-2.5 Datasheet(PDF) 5 Page - IC MICROSYSTEMS |
|
X84641G-2.5 Datasheet(HTML) 5 Page - IC MICROSYSTEMS |
5 / 18 page X84161/641/129 5 Low Power Operation The device enters an idle state, which draws minimal cur- rent when: —an illegal sequence is entered. The following are the more common illegal sequences: • Read/Write/Write—any time • Read/Write ‘1’—When writing the address or writing data. • Write ‘1’—when reading data • Read/Read/Write ‘1’—after data is written to device, but before entering the NV write sequence. —the device powers-up; —a nonvolatile write operation completes. While a sequential read is in progress, the device remains in an active state. This state draws more current than the idle state, but not as much as during a read itself. To go back to the lowest power condition, an invalid condition is created by writing a ‘1’ after the last bit of a read operation. Write Protection The following circuitry has been included to prevent inadvertent nonvolatile writes: —The internal Write Enable latch is reset upon power-up. —A reset sequence must be issued to set the internal write enable latch before starting a write sequence. —A special “start nonvolatile write” command sequence is required to start a nonvolatile write cycle. —The internal Write Enable latch is reset automatically at the end of a nonvolatile write cycle. —The internal Write Enable latch is reset and remains reset as long as the WP pin is LOW, which blocks all nonvolatile write cycles. —The internal Write Enable latch resets on an invalid write operation. SYMBOL TABLE WAVEFORM INPUTS OUTPUTS Must be steady Will be steady May change from LOW to HIGH Will change from LOW to HIGH May change from HIGH to LOW Will change from HIGH to LOW Don’t Care: Changes Allowed Changing: State Not Known N/A Center Line is High Impedance |
Similar Part No. - X84641G-2.5 |
|
Similar Description - X84641G-2.5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |