Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25128P Datasheet(PDF) 4 Page - IC MICROSYSTEMS

Part # X25128P
Description  SPI Serial E2PROM with Block Lock Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25128P Datasheet(HTML) 4 Page - IC MICROSYSTEMS

  X25128P Datasheet HTML 1Page - IC MICROSYSTEMS X25128P Datasheet HTML 2Page - IC MICROSYSTEMS X25128P Datasheet HTML 3Page - IC MICROSYSTEMS X25128P Datasheet HTML 4Page - IC MICROSYSTEMS X25128P Datasheet HTML 5Page - IC MICROSYSTEMS X25128P Datasheet HTML 6Page - IC MICROSYSTEMS X25128P Datasheet HTML 7Page - IC MICROSYSTEMS X25128P Datasheet HTML 8Page - IC MICROSYSTEMS X25128P Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
X25128
4
Write-Protect Enable
The Write-Protect-Enable (WPEN) is available for the
X25128 as a nonvolatile enable bit for the WP pin.
3091 PGM T05.1
The Write Protect (WP) pin and the nonvolatile Write
Protect Enable (WPEN) bit in the Status Register
control the programmable hardware write protect
feature. Hardware write protection is enabled when
WP pin is low, and the WPEN bit is “1”. Hardware write
protection is disabled when either the WP pin is high
or the WPEN bit is “0”. When the chip is hardware
write protected, nonvolatile writes are disabled to the
Status Register, including the Block Protect bits and
the WPEN bit itself, as well as the block-protected
sections in the memory array. Only the sections of the
memory array that are not block-protected can be
written.
Note:
Since the WPEN bit is write protected, it
cannot be changed back to a “0”, as long as
the WP pin is held low.
Clock and Data Timing
Data input on the SI line is latched on the rising edge
of SCK. Data is output on the SO line by the falling
edge of SCK.
Read Sequence
When reading from the E2PROM array, CS is first
pulled low to select the device. The 8-bit read instruc-
tion is transmitted to the X25128, followed by the
16-bit address of which the last 14 are used. After the
read opcode and address are sent, the data stored in
the memory at the selected address is shifted out on
the SO line. The data stored in memory at the next
address can be read sequentially by continuing to
provide clock pulses. The address is automatically
incremented to the next higher address after each byte
of data is shifted out. When the highest address is
reached ($3FFF) the address counter rolls over to
address $0000 allowing the read cycle to be continued
indefinitely. The read operation is terminated by taking
CS high. Refer to the read E2PROM array operation
sequence illustrated in Figure 1.
To read the status register the CS line is first pulled
low to select the device followed by the 8-bit instruc-
tion. After the RDSR opcode is sent, the contents of
the status register are shifted out on the SO line. The
read status register sequence is illustrated in Figure 2.
Write Sequence
Prior to any attempt to write data into the X25128, the
“write enable” latch must first be set by issuing the
WREN instruction (See Figure 3). CS is first taken low,
then the WREN instruction is clocked into the X25128.
After all eight bits of the instruction are transmitted, CS
must then be taken high. If the user continues the write
operation without taking CS high after issuing the
WREN instruction, the write operation will be ignored.
To write data to the E2PROM memory array, the user
issues the write instruction, followed by the address
and then the data to be written. This is minimally a
thirty-two clock operation. CS must go low and remain
low for the duration of the operation. The host may
continue to write up to 32 bytes of data to the X25128.
The only restriction is the 32 bytes must reside on the
same page. If the address counter reaches the end of
the page and the clock continues, the counter will “roll
over” to the first address of the page and overwrite any
data that may have been written.
For the write operation (byte or page write) to be
completed, CS can only be brought high after bit 0 of
data byte N is clocked in. If it is brought high at any
other time the write operation will not be completed.
Refer to Figures 4 and 5 below for a detailed illustra-
tion of the write sequences and time frames in which
CS going high are valid.
To write to the status register, the WRSR instruction is
followed by the data to be written. Data bits 0, 1, 4, 5
and 6 must be “0”. This sequence is shown in Figure 6.
While the write is in progress, following a status
register or E2PROM write sequence, the status
register may be read to check the WIP bit. During this
time the WIP bit will be high.
Hold Operation
The HOLD input should be high (at VIH) under normal
operation. If a data transfer is to be interrupted HOLD
can be pulled low to suspend the transfer until it can
be resumed. The only restriction is the SCK input must
WPEN WP WEL
Protected
Blocks
Unprotected
Blocks
Status
Register
0
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
Low
0
Protected
Protected
Protected
1
Low
1
Protected
Writable
Protected
X
High
0
Protected
Protected
Protected
X
High
1
Protected
Writable
Writable


Similar Part No. - X25128P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25128P XICOR-X25128P Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25128P-2.7 XICOR-X25128P-2.7 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25128PI XICOR-X25128PI Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25128PI-2.7 XICOR-X25128PI-2.7 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25128PM XICOR-X25128PM Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
More results

Similar Description - X25128P

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
X25650 ICMIC-X25650 Datasheet
134Kb / 14P
   5MHz SPI Serial E2PROM with Block Lock Protection
logo
Xicor Inc.
X25138 XICOR-X25138 Datasheet
88Kb / 18P
   5MHz SPI Serial E2PROM with Block Lock PROTECTION
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
Xicor Inc.
X25021 XICOR-X25021 Datasheet
60Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25080 XICOR-X25080 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25020 XICOR-X25020 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25041 XICOR-X25041 Datasheet
62Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com