Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25128MG Datasheet(PDF) 8 Page - IC MICROSYSTEMS

Part # X25128MG
Description  SPI Serial E2PROM with Block Lock Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25128MG Datasheet(HTML) 8 Page - IC MICROSYSTEMS

Back Button X25128MG Datasheet HTML 4Page - IC MICROSYSTEMS X25128MG Datasheet HTML 5Page - IC MICROSYSTEMS X25128MG Datasheet HTML 6Page - IC MICROSYSTEMS X25128MG Datasheet HTML 7Page - IC MICROSYSTEMS X25128MG Datasheet HTML 8Page - IC MICROSYSTEMS X25128MG Datasheet HTML 9Page - IC MICROSYSTEMS X25128MG Datasheet HTML 10Page - IC MICROSYSTEMS X25128MG Datasheet HTML 11Page - IC MICROSYSTEMS X25128MG Datasheet HTML 12Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
X25128
8
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias ................... –65
°C to +135°C
Storage Temperature........................ –65
°C to +150°C
Voltage on any Pin with
Respect to VSS.................................... –1V to +7V
D.C. Output Current ..............................................5mA
Lead Temperature
(Soldering, 10 seconds) .............................. 300
°C
D.C. OPERATING CHARACTERISTICS
POWER-UP TIMING
3091 FM T09
CAPACITANCE
TA = +25°C, f = 1MHz, VCC = 5V
3091 FM T10.1
Notes: (1) VIL min. and VIH max. are for reference only and are not tested.
(2) This parameter is periodically sampled and not 100% tested.
(3) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. These
parameters are periodically sampled and not 100% tested.
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
ICC
VCC Supply Current (Active)
5
mA
SCK = VCC x 0.1/VCC x 0.9 @ 2 MHz,
SO = Open,
CS = VSS
ISB
VCC Supply Current (Standby)
1
µA
CS = VCC, VIN = VSS or VCC
ILI
Input Leakage Current
10
µA
VIN = VSS to VCC
ILO
Output Leakage Current
10
µA
VOUT = VSS to VCC
VlL
(1)
Input LOW Voltage
–1
VCC x 0.3
V
VIH
(1)
Input HIGH Voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output LOW Voltage
0.4
V
VCC = 5V, IOL = 3mA
VOH1
Output HIGH Voltage
VCC – 0.8
V
VCC = 5V, IOH = -1.6mA
VOL2
Output LOW Voltage
0.4
V
VCC = 3V, IOL = 1.5mA
VOH2
Output HIGH Voltage
VCC – 0.3
V
VCC = 3V, IOH = -0.4mA
Symbol
Parameter
Min.
Max.
Units
tPUR
(3)
Power-up to Read Operation
1
ms
tPUW
(3)
Power-up to Write Operation
5
ms
Symbol
Test
Max.
Units
Conditions
COUT
(2)
Output Capacitance (SO)
8
pF
VOUT = 0V
CIN
(2)
Input Capacitance (SCK, SI, CS, WP, HOLD)
6
pF
VIN = 0V
RECOMMENDED OPERATING CONDITIONS
3091 FM T06.1
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Military
–55
°C
+125
°C
3091 FM T07.2
Supply Voltage
Limits
X25128
5V
±10%
X25128-2.7
2.5V to 5.5V
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation
of the device at these or any other conditions above
those indicated in the operational sections of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may
affect device reliability.


Similar Part No. - X25128MG

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25128P XICOR-X25128P Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25128P-2.7 XICOR-X25128P-2.7 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25128PI XICOR-X25128PI Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25128PI-2.7 XICOR-X25128PI-2.7 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
More results

Similar Description - X25128MG

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
X25650 ICMIC-X25650 Datasheet
134Kb / 14P
   5MHz SPI Serial E2PROM with Block Lock Protection
logo
Xicor Inc.
X25138 XICOR-X25138 Datasheet
88Kb / 18P
   5MHz SPI Serial E2PROM with Block Lock PROTECTION
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
Xicor Inc.
X25021 XICOR-X25021 Datasheet
60Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25080 XICOR-X25080 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25020 XICOR-X25020 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25041 XICOR-X25041 Datasheet
62Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com