Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X84160EG-2.5 Datasheet(PDF) 1 Page - IC MICROSYSTEMS

Part # X84160EG-2.5
Description  Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X84160EG-2.5 Datasheet(HTML) 1 Page - IC MICROSYSTEMS

  X84160EG-2.5 Datasheet HTML 1Page - IC MICROSYSTEMS X84160EG-2.5 Datasheet HTML 2Page - IC MICROSYSTEMS X84160EG-2.5 Datasheet HTML 3Page - IC MICROSYSTEMS X84160EG-2.5 Datasheet HTML 4Page - IC MICROSYSTEMS X84160EG-2.5 Datasheet HTML 5Page - IC MICROSYSTEMS X84160EG-2.5 Datasheet HTML 6Page - IC MICROSYSTEMS X84160EG-2.5 Datasheet HTML 7Page - IC MICROSYSTEMS X84160EG-2.5 Datasheet HTML 8Page - IC MICROSYSTEMS X84160EG-2.5 Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© Xicor, Inc. 1998 Patents Pending
7067 1.1 6/10/98 T10/C0/D3
1
Characteristics subject to change without notice
16K/64K/128K
MPS
TM EEPROM
Advanced MPS™ Micro Port Saver EEPROM with Block Lock™ Protection
FEATURES
•Up to 15MHz data transfer rate
•20ns Read Access Time
•Direct Interface to Microprocessors and
Microcontrollers
—Eliminates I/O port requirements
—No interface glue logic required
—Eliminates need for parallel to serial converters
•Low Power CMOS
—1.8V–3.6V, 2.5V–5.5V and 5V ± 10% Versions
—Standby Current Less than 1µA
Active Current Less than 1mA
•Byte or Page Write Capable
—32-Byte Page Write Mode
•New Programmable Block Lock™ Protection
—Software Write Protection
—Programmable Hardware Write Protection
•Block Lock (0, 1/4, 1/2, or all of the array)
•Typical Nonvolatile Write Cycle Time: 3ms
•High Reliability
—100,000 Endurance Cycles
—Guaranteed Data Retention: 100 Years
•Small Package Options
—8-Lead Mini-DIP Package
—8, 14-Lead SOIC Packages
—8, 20, 28-Lead TSSOP Packages
—8-Lead XBGA Packages
DESCRIPTION
The µPort Saver memories need no serial ports or special
hardware and connect to the processor memory bus.
Replacing bytewide data memory, the µPort Saver uses
bytewide memory control functions, takes a fraction of
the board space and consumes much less power.
Replacing serial memories, the µPort Saver provides all the
serial benefits, such as low cost, low power, low voltage,
and small package size while releasing I/Os for more
important uses.
The µPort Saver memory outputs data within 20ns of an
active read signal. This is less than the read access time
of most hosts and provides “no-wait-state” operation. This
prevents bottlenecks on the bus. With rates to
15MHz, the µPort Saver supplies data faster than
required by most host read cycle specifications. This
eliminates the need for software NOPs.
The µPort Saver memories communicate over one line of the
data bus using a sequence of standard bus read and
write operations. This “bit serial” interface allows the
µPort Saver to work well in 8-bit, 16 bit, 32-bit, and 64-bit
systems.
The X84160/640/128 provide additional data security
features through Block Lock and programmable Hardware
Write Protection. These allow some or all of the array to
be write protected by software command or by hardware.
System Configuration, Company ID, calibration information,
or other critical data can be secured against unexpected
or inadvertent program operations, leaving the remainder
of the memory available for the system or user access
A Write Protect (WP) pin prevents inadvertent writes to the
memory.
Xicor EEPROMs are designed and tested for
applications requiring extended endurance. Inherent data
retention is greater than 100 years.
BLOCK DIAGRAM
CE
I/O
H.V. GENERATION
TIMING & CONTROL
EEPROM
COMMAND
DECODE
AND
CONTROL
LOGIC
X
DEC
Y DECODE
DATA REGISTER
WP
OE
WE
ARRAY
16K x 8
P0/CS
P1/CLK
P2/DI
P3/DO
System Connection
Internal Block Diagram
µP
µC
Ports
8K x 8
2K x 8
Saved
DSP
ASIC
A15
A0
D7
D0
OE
WE
MPS
RISC
X84160/640/128
Preliminary Information
This X84160/640/128 device has been acquired by
IC MICROSYSTEMS from Xicor, Inc.
ICmic
IC MICROSYSTEMS
TM


Similar Part No. - X84160EG-2.5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X84161 XICOR-X84161 Datasheet
170Kb / 18P
   uPort Saver EEPROM
logo
IC MICROSYSTEMS
X84161 ICMIC-X84161 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84161-1.8 ICMIC-X84161-1.8 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84161-2.5 ICMIC-X84161-2.5 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84161G ICMIC-X84161G Datasheet
147Kb / 18P
   關Port Saver EEPROM
More results

Similar Description - X84160EG-2.5

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X84161 ICMIC-X84161 Datasheet
147Kb / 18P
   關Port Saver EEPROM
logo
Xicor Inc.
X84041 XICOR-X84041 Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
logo
IC MICROSYSTEMS
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
logo
Xicor Inc.
X24165 XICOR-X24165 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
X84161 XICOR-X84161 Datasheet
170Kb / 18P
   uPort Saver EEPROM
X84256 XICOR-X84256 Datasheet
68Kb / 15P
   UPort Saver EEPROM
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com