Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25128FG Datasheet(PDF) 5 Page - IC MICROSYSTEMS

Part # X25128FG
Description  SPI Serial E2PROM with Block Lock Protection
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X25128FG Datasheet(HTML) 5 Page - IC MICROSYSTEMS

  X25128FG Datasheet HTML 1Page - IC MICROSYSTEMS X25128FG Datasheet HTML 2Page - IC MICROSYSTEMS X25128FG Datasheet HTML 3Page - IC MICROSYSTEMS X25128FG Datasheet HTML 4Page - IC MICROSYSTEMS X25128FG Datasheet HTML 5Page - IC MICROSYSTEMS X25128FG Datasheet HTML 6Page - IC MICROSYSTEMS X25128FG Datasheet HTML 7Page - IC MICROSYSTEMS X25128FG Datasheet HTML 8Page - IC MICROSYSTEMS X25128FG Datasheet HTML 9Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
X25128
5
be low when HOLD is first pulled low and SCK must
also be low when HOLD is released.
The HOLD input may be tied high either directly to VCC
or tied to VCC through a resistor.
Operational Notes
The X25128 powers-up in the following state:
• The device is in the low power standby state.
• A high to low transition on CS is required to enter an
active state and receive an instruction.
• SO pin is high impedance.
• The “write enable” latch is reset.
Data Protection
The following circuitry has been included to prevent
inadvertent writes:
• The “write enable” latch is reset upon power-up.
• A WREN instruction must be issued to set the “write
enable” latch.
• CS must come high at the proper clock count in
order to start a write cycle.
Figure 1. Read E2PROM Array Operation Sequence
Figure 2. Read Status Register Operation Sequence
0
1
2
3
4
5
6
7
8
9
10
20 21 22 23 24 25 26 27 28 29 30
7
6
5
4
3
2
1
0
DATA OUT
CS
SCK
SI
SO
MSB
HIGH IMPEDANCE
INSTRUCTION
16 BIT ADDRESS
15 14 13
3
2
1
0
3091 FM F03
0
1
2
3
4
5
6
7
8
9
10 11 12 13 14
7
6
5
4
3
2
1
0
DATA OUT
CS
SCK
SI
SO
MSB
HIGH IMPEDANCE
INSTRUCTION
3091 FM F04


Similar Part No. - X25128FG

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25128 XICOR-X25128 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25128P XICOR-X25128P Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25128P-2.7 XICOR-X25128P-2.7 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25128PI XICOR-X25128PI Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
X25128PI-2.7 XICOR-X25128PI-2.7 Datasheet
77Kb / 15P
   SPI Serial E 2 PROM with Block Lock TM Protection
More results

Similar Description - X25128FG

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
X25650 ICMIC-X25650 Datasheet
134Kb / 14P
   5MHz SPI Serial E2PROM with Block Lock Protection
logo
Xicor Inc.
X25138 XICOR-X25138 Datasheet
88Kb / 18P
   5MHz SPI Serial E2PROM with Block Lock PROTECTION
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
Xicor Inc.
X25021 XICOR-X25021 Datasheet
60Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25080 XICOR-X25080 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25020 XICOR-X25020 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25041 XICOR-X25041 Datasheet
62Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com