Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X84160I-2.5 Datasheet(PDF) 10 Page - IC MICROSYSTEMS

Part # X84160I-2.5
Description  Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X84160I-2.5 Datasheet(HTML) 10 Page - IC MICROSYSTEMS

Back Button X84160I-2.5 Datasheet HTML 6Page - IC MICROSYSTEMS X84160I-2.5 Datasheet HTML 7Page - IC MICROSYSTEMS X84160I-2.5 Datasheet HTML 8Page - IC MICROSYSTEMS X84160I-2.5 Datasheet HTML 9Page - IC MICROSYSTEMS X84160I-2.5 Datasheet HTML 10Page - IC MICROSYSTEMS X84160I-2.5 Datasheet HTML 11Page - IC MICROSYSTEMS X84160I-2.5 Datasheet HTML 12Page - IC MICROSYSTEMS X84160I-2.5 Datasheet HTML 13Page - IC MICROSYSTEMS X84160I-2.5 Datasheet HTML 14Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
X84160/640/128
10
A.C. CHARACTERISTICS
(Over the recommended operating conditions, unless otherwise specified.)
Read Cycle Limits – X84160/640/128
Notes: (4) Periodically sampled, but not 100% tested. tHZ and tOHZ are measured from the point where CE or OE goes HIGH (whichever occurs
first) to the time when I/O is no longer being driven into a 5pF load.
Symbol
Parameter
VCC = 4.5V – 5.5V VCC = 2.5V – 5.5V VCC = 1.8V – 3.6V
Units
Min.
Max
Min.
Max.
Min.
Max.
tRC
Read Cycle Time
70
125
250
ns
tCE
CE Access Time
20
25
70
ns
tOE
OE Access Time
20
25
70
ns
tOEL
OE Pulse Width
20
35
70
ns
tOEH
OE High Recovery Time
50
90
180
ns
tLOW
CE LOW Time
20
35
70
ns
tHIGH
CE HIGH Time
50
90
180
ns
tLZ
(4)
CE LOW to Output In Low Z
0
0
0
ns
tHZ
(4)
CE HIGH to Output In High Z
0
15
0
25
0
30
ns
tOLZ
(4)
OE LOW to Output In Low Z
0
0
0
ns
tOHZ
(4)
OE HIGH to Output In High Z
0
15
0
25
0
30
ns
tOH
Output Hold from CE or OE HIGH
0
0
0
ns
tWES
WE HIGH Setup Time
25
25
25
ns
tWEH
WE HIGH Hold Time
25
25
25
ns
CE
WE
tWES
OE
tHIGH
tCE
tOE
t OLZ
tOH
tWEH
HIGH Z
DATA
t OHZ
t HZ
t LZ
tLOW
tRC
I/O
OEL
t
tOEH


Similar Part No. - X84160I-2.5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X84161 XICOR-X84161 Datasheet
170Kb / 18P
   uPort Saver EEPROM
logo
IC MICROSYSTEMS
X84161 ICMIC-X84161 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84161-1.8 ICMIC-X84161-1.8 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84161-2.5 ICMIC-X84161-2.5 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84161G ICMIC-X84161G Datasheet
147Kb / 18P
   關Port Saver EEPROM
More results

Similar Description - X84160I-2.5

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X84161 ICMIC-X84161 Datasheet
147Kb / 18P
   關Port Saver EEPROM
logo
Xicor Inc.
X84041 XICOR-X84041 Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
logo
IC MICROSYSTEMS
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
logo
Xicor Inc.
X24165 XICOR-X24165 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
X84161 XICOR-X84161 Datasheet
170Kb / 18P
   uPort Saver EEPROM
X84256 XICOR-X84256 Datasheet
68Kb / 15P
   UPort Saver EEPROM
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com