Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X84640-2.5 Datasheet(PDF) 11 Page - IC MICROSYSTEMS

Part # X84640-2.5
Description  Advanced MPS??Micro Port Saver EEPROM with Block Lock??Protection
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICMIC [IC MICROSYSTEMS]
Direct Link  http://www.icmic.com
Logo ICMIC - IC MICROSYSTEMS

X84640-2.5 Datasheet(HTML) 11 Page - IC MICROSYSTEMS

Back Button X84640-2.5 Datasheet HTML 7Page - IC MICROSYSTEMS X84640-2.5 Datasheet HTML 8Page - IC MICROSYSTEMS X84640-2.5 Datasheet HTML 9Page - IC MICROSYSTEMS X84640-2.5 Datasheet HTML 10Page - IC MICROSYSTEMS X84640-2.5 Datasheet HTML 11Page - IC MICROSYSTEMS X84640-2.5 Datasheet HTML 12Page - IC MICROSYSTEMS X84640-2.5 Datasheet HTML 13Page - IC MICROSYSTEMS X84640-2.5 Datasheet HTML 14Page - IC MICROSYSTEMS X84640-2.5 Datasheet HTML 15Page - IC MICROSYSTEMS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
X84160/640/128
11
Write Cycle Limits – X84160/640/128
Notes: (5) tNVWC is the time from the falling edge of OE or CE (whichever occurs last) of the second read cycle in the “start nonvolatile write cycle”
sequence until the self-timed, internal nonvolatile write cycle is completed.
(6) Data is latched into the X84160/640/128 on the rising edge of CE or WE, whichever occurs first.
(7) Periodically sampled, but not 100% tested.
Symbol
Parameter
VCC = 4.5V – 5.5V VCC = 2.5V – 5.5V VCC = 1.8V – 3.6V
Units
Min.
Max.
Min.
Max.
Min.
Max.
tNVWC
(5)
Nonvolatile Write Cycle Time
55
5
ms
tWC
Write Cycle Time
70
125
250
ns
tWP
WE Pulse Width
20
35
50
ns
tWPH
WE HIGH Recovery Time
50
90
180
ns
tCS
Write Setup Time
0
0
0
ns
tCH
Write Hold Time
0
0
0
ns
tCP
CE Pulse Width
20
35
70
ns
tCPH
CE HIGH Recovery Time
50
90
180
ns
tOES
OE HIGH Setup Time
25
25
50
ns
tOEH
OE HIGH Hold Time
25
25
50
ns
tDS
(6)
Data Setup Time
12
20
30
ns
tDH
(6)
Data Hold Time
5
5
5
ns
tWPSU
(7)
WP HIGH Setup
100
100
150
ns
tWPHD
(7)
WP HIGH Hold
100
100
150
ns


Similar Part No. - X84640-2.5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X84641 XICOR-X84641 Datasheet
170Kb / 18P
   uPort Saver EEPROM
logo
IC MICROSYSTEMS
X84641 ICMIC-X84641 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84641-1.8 ICMIC-X84641-1.8 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84641-2.5 ICMIC-X84641-2.5 Datasheet
147Kb / 18P
   關Port Saver EEPROM
X84641G ICMIC-X84641G Datasheet
147Kb / 18P
   關Port Saver EEPROM
More results

Similar Description - X84640-2.5

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X84161 ICMIC-X84161 Datasheet
147Kb / 18P
   關Port Saver EEPROM
logo
Xicor Inc.
X84041 XICOR-X84041 Datasheet
67Kb / 13P
   Micro Port Saver E2PROM
logo
IC MICROSYSTEMS
X25642 ICMIC-X25642 Datasheet
135Kb / 16P
   Advanced SPI Serial E2PROM with Block Lock Protection
logo
Xicor Inc.
X24165 XICOR-X24165 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E2PROM with Block Lock Protection
X84161 XICOR-X84161 Datasheet
170Kb / 18P
   uPort Saver EEPROM
X84256 XICOR-X84256 Datasheet
68Kb / 15P
   UPort Saver EEPROM
X25642 XICOR-X25642 Datasheet
76Kb / 16P
   Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X24645 XICOR-X24645 Datasheet
84Kb / 18P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
X24325 XICOR-X24325 Datasheet
79Kb / 17P
   Advanced 2-Wire Serial E 2 PROM with Block Lock TM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com