Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G57DCKRE4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AUP1G57DCKRE4
Description  LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G57DCKRE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AUP1G57DCKRE4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G57DCKRE4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G57DCKRE4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G57DCKRE4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G57DCKRE4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G57DCKRE4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G57DCKRE4 Datasheet HTML 9Page - Texas Instruments SN74AUP1G57DCKRE4 Datasheet HTML 10Page - Texas Instruments SN74AUP1G57DCKRE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
www.ti.com
Operating Characteristics
SN74AUP1G57
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SCES503G – NOVEMBER 2003 – REVISED APRIL 2007
T
A = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
0.8 V
4
1.2 V
± 0.1 V
4
1.5 V
± 0.1 V
4
Cpd
Power dissipation capacitance
f = 10 MHz
pF
1.8 V
± 0.15 V
4
2.5 V
± 0.2 V
4.1
3.3 V
± 0.3 V
4.3
7
Submit Documentation Feedback


Similar Part No. - SN74AUP1G57DCKRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G57DCKRE4 TI-SN74AUP1G57DCKRE4 Datasheet
360Kb / 16P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G57DCKRE4 TI-SN74AUP1G57DCKRE4 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G57DCKRE4 TI1-SN74AUP1G57DCKRE4 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
More results

Similar Description - SN74AUP1G57DCKRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com