Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC162244ADGVRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # 74LVC162244ADGVRG4
Description  16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVC162244ADGVRG4 Datasheet(HTML) 3 Page - Texas Instruments

  74LVC162244ADGVRG4 Datasheet HTML 1Page - Texas Instruments 74LVC162244ADGVRG4 Datasheet HTML 2Page - Texas Instruments 74LVC162244ADGVRG4 Datasheet HTML 3Page - Texas Instruments 74LVC162244ADGVRG4 Datasheet HTML 4Page - Texas Instruments 74LVC162244ADGVRG4 Datasheet HTML 5Page - Texas Instruments 74LVC162244ADGVRG4 Datasheet HTML 6Page - Texas Instruments 74LVC162244ADGVRG4 Datasheet HTML 7Page - Texas Instruments 74LVC162244ADGVRG4 Datasheet HTML 8Page - Texas Instruments 74LVC162244ADGVRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
GQL OR ZQL PACKAGE
(TOP VIEW)
J
H
G
F
E
D
C
B
A
2
1
3 4
6
5
K
GRD OR ZRD PACKAGE
(TOP VIEW)
J
H
G
F
E
D
C
B
A
2
1
3
4
6
5
SN74LVC162244A
16-BIT BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCAS758A – DECEMBER 2003 – REVISED OCTOBER 2005
The outputs, which are designed to sink up to 12 mA, include equivalent 26-
Ω resistors to reduce overshoot and
undershoot.
Inputs can be driven from either 3.3-V or 5-V devices. This feature allows the use of this device as a translator in
a mixed 3.3-V/5-V system environment.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
abc
TERMINAL ASSIGNMENTS(1)
(56-Ball GQL/ZQL Package)
1
2
3
4
5
6
A
1OE
NC
NC
NC
NC
2OE
B
1Y2
1Y1
GND
GND
1A1
1A2
C
1Y4
1Y3
VCC
VCC
1A3
1A4
D
2Y2
2Y1
GND
GND
2A1
2A2
E
2Y4
2Y3
2A3
2A4
F
3Y1
3Y2
3A2
3A1
G
3Y3
3Y4
GND
GND
3A4
3A3
H
4Y1
4Y2
VCC
VCC
4A2
4A1
J
4Y3
4Y4
GND
GND
4A4
4A3
abc
K
4OE
NC
NC
NC
NC
3OE
abc
abc
(1)
NC - No internal connection
abc
abc
TERMINAL ASSIGNMENTS(1)
(54-Ball GRD/ZRD Package)
1
2
3
4
5
6
A
1Y1
NC
1OE
2OE
NC
1A1
B
1Y3
1Y2
NC
NC
1A2
1A3
C
2Y1
1Y4
VCC
VCC
1A4
2A1
D
2Y3
2Y2
GND
GND
2A2
2A3
E
3Y1
2Y4
GND
GND
2A4
3A1
F
3Y3
3Y2
GND
GND
3A2
3A3
G
4Y1
3Y4
VCC
VCC
3A4
4A1
H
4Y3
4Y2
NC
NC
4A2
4A3
J
4Y4
NC
4OE
3OE
NC
4A4
(1)
NC - No internal connection
3


Similar Part No. - 74LVC162244ADGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LVC162244ADGVRE4 TI-74LVC162244ADGVRE4 Datasheet
387Kb / 18P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - 74LVC162244ADGVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC16240 TI-SN74AUC16240 Datasheet
307Kb / 6P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162244 TI-SN74ALVCH162244 Datasheet
123Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16244 TI-SN74ALVCH16244 Datasheet
138Kb / 9P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVCZ16244A TI-SN74LVCZ16244A Datasheet
96Kb / 7P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVC16244 HITACHI-HD74ALVC16244 Datasheet
51Kb / 11P
   16-bit Buffer / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16240 TI1-SN74ALVCH16240_14 Datasheet
521Kb / 15P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_06 Datasheet
463Kb / 16P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALB16244 TI-SN74ALB16244_08 Datasheet
360Kb / 13P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A-Q1 TI1-SN74LVC16244A-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC16244A TI-SN74LVC16244A_09 Datasheet
640Kb / 20P
[Old version datasheet]   16-BIT BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH162244 PERICOM-PI74ALVCH162244 Datasheet
417Kb / 4P
   16-Bit Buffer Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com