Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL780-05CKC Datasheet(PDF) 2 Page - Texas Instruments

Part # TL780-05CKC
Description  POSITIVE-VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL780-05CKC Datasheet(HTML) 2 Page - Texas Instruments

  TL780-05CKC Datasheet HTML 1Page - Texas Instruments TL780-05CKC Datasheet HTML 2Page - Texas Instruments TL780-05CKC Datasheet HTML 3Page - Texas Instruments TL780-05CKC Datasheet HTML 4Page - Texas Instruments TL780-05CKC Datasheet HTML 5Page - Texas Instruments TL780-05CKC Datasheet HTML 6Page - Texas Instruments TL780-05CKC Datasheet HTML 7Page - Texas Instruments TL780-05CKC Datasheet HTML 8Page - Texas Instruments TL780-05CKC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.ti.com
COMMON
OUTPUT
INPUT
Absolute Maximum Ratings
(1)
Package Thermal Data
(1)
TL780 SERIES
POSITIVE-VOLTAGE REGULATORS
SLVS055M – APRIL 1981 – REVISED OCTOBER 2006
SCHEMATIC
over operating temperature ranges (unless otherwise noted)
MIN
MAX
UNIT
VI
Input voltage
35
V
TJ
Operating virtual junction temperature
150
°C
Lead temperature 1,6 mm (1/16 in) from case for 10 s
260
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
BOARD
θ
JP
(2)
θ
JC
θ
JA
PowerFLEX (KTE)
High K, JESD 51-5
2.7
°C/W
11.6
°C/W
23.3
°C/W
TO-220 (KC/KCS)
High K, JESD 51-5
3
°C/W
17
°C/W
19
°C/W
TO-263 (KTT)
High K, JESD 51-5
1.91
°C/W
18
°C/W
25.3
°C/W
(1)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. Due to variations in
individual device electrical characteristics and thermal resistance, the built-in thermal overload protection may be activated at power
levels slightly above or below the rated dissipation.
(2)
For packages with exposed thermal pads, such as QFN, PowerPAD™, or PowerFLEX,
θ
JP is defined as the thermal resistance between
the die junction and the bottom of the exposed pad.
2
Submit Documentation Feedback


Similar Part No. - TL780-05CKC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL780-05CKC TI-TL780-05CKC Datasheet
134Kb / 8P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
TL780-05CKC TI-TL780-05CKC Datasheet
571Kb / 14P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Similar Description - TL780-05CKC

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com