Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS470R1VF348 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS470R1VF348
Description  16/32-BIT RISC FLASH MICROCONTROLLERS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS470R1VF348 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS470R1VF348 Datasheet HTML 4Page - Texas Instruments TMS470R1VF348 Datasheet HTML 5Page - Texas Instruments TMS470R1VF348 Datasheet HTML 6Page - Texas Instruments TMS470R1VF348 Datasheet HTML 7Page - Texas Instruments TMS470R1VF348 Datasheet HTML 8Page - Texas Instruments TMS470R1VF348 Datasheet HTML 9Page - Texas Instruments TMS470R1VF348 Datasheet HTML 10Page - Texas Instruments TMS470R1VF348 Datasheet HTML 11Page - Texas Instruments TMS470R1VF348 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
TMS470R1VF338, TMS470R1VF348, TMS470R1VF3382, TMS470R1VF3482
16/32-BIT RISC FLASH MICROCONTROLLERS
SPNS077J – NOVEMBER 2001 – REVISED AUGUST 2006
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251-1443
Terminal Functions
† I = input, O = output, PWR = power, GND = ground, REF = reference voltage, NC = no connect
‡ All I/O pins, except RST, are configured as inputs while PORRST is low and immediately after PORRST goes high.
§ IPD = internal pulldown, IPU = internal pullup (all internal pullups and pulldowns are active on input pins, independent of the PORRST state.)
¶ N/A on the VF348x device. For the VF338x device only, the HET[28] signal is only connected to the pad not to a package pin.
TERMINAL
TYPE†‡
INTERNAL
PULLUP/
PULLDOWN§
DESCRIPTION
NAME
VF338
VF348
HIGH-END TIMER (HET)
HET[0]
88
91
3.3-V I/O
IPD
The VF338x and VF348x devices have both the logic and registers for a
full 32-I/O HET implemented, even though not all 32 pins are available
externally
Timer input capture or output compare. The HET[31:0] applicable pins
can be programmed as general-purpose input/output (GIO) pins.
HET[22:0] are high-resolution pins and HET[31:29, 24] are standard-
resolution pins for VF338x.
HET[21:18, 13:10, 8, 7, 6, 4, 2, 0] are high-resolution pins and HET[31,
24] are standard-resolution pins for VF348x.
The high-resolution (HR) SHARE feature allows even HR pins to share
the next higher odd HR pin structures. This HR sharing is independent of
whether or not the odd pin is available externally. If an odd pin is available
externally and shared, then the odd pin can only be used as a general-
purpose I/O. For more information on HR SHARE, see the TMS470R1x
High-End Timer (HET) Reference Guide (literature number SPNU199).
The HET[19] or HET[18] pins can also be used as a user-selectable event
source to event trigger the MibADC event group or group1 providing the
associated register source bits are properly configured and defined. For
the internal device connections, see the MibADC section of this data
sheet. And for more detailed functional information on the MibADC, see
the TMS470R1x Multi-Buffered Analog-to-Digital Converter (MibADC)
Reference Guide (literature number SPNU206).
HET[1]
89
HET[2]
95
97
HET[3]
96
HET[4]
97
98
HET[5]
98
HET[6]
99
99
HET[7]
100
100
HET[8]
55
55
HET[9]
56
HET[10]
20
20
HET[11]
19
19
HET[12]
18
18
HET[13]
17
17
HET[14]
16
HET[15]
15
HET[16]
14
HET[17]
13
HET[18]
49
49
HET[19]
48
48
HET[20]
47
47
HET[21]
46
46
HET[22]
45
HET[24]
35
35
HET[28]
HET[29]
32
HET[30]
33
HET[31]
34
34
STANDARD CAN CONTROLLER (SCC)
CANSRX
60
59
3.3-V I/O
SCC receive pin or GIO pin
CANSTX
61
60
3.3-V I/O
IPU
SCC transmit pin or GIO pin
CLASS II SERIAL INTERFACE (C2SIb)
C2SIbLPN
36
36
3.3-V I/O
IPD
C2SIb module loopback enable pin or GIO pin
C2SIbRX
38
38
3.3-V I/O
C2SIb module receive data input pin or GIO pin
C2SIbTX
37
37
3.3-V I/O
IPD
C2SIb module transmit data output pin or GIO pin


Similar Part No. - TMS470R1VF348

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1VF346A TI-TMS470R1VF346A Datasheet
770Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
More results

Similar Description - TMS470R1VF348

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS470R1A128 TI-TMS470R1A128 Datasheet
451Kb / 45P
[Old version datasheet]   16/32-Bit RISC Flash Microcontrollers
TMS470R1VF689 TI-TMS470R1VF689 Datasheet
992Kb / 70P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF336A TI-TMS470R1VF336A Datasheet
770Kb / 56P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VF48C TI-TMS470R1VF48C Datasheet
948Kb / 67P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLERS
TMS470R1VC338 TI-TMS470R1VC338 Datasheet
753Kb / 55P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470R1VC336A TI1-TMS470R1VC336A Datasheet
839Kb / 54P
[Old version datasheet]   16/32-BIT RISC ROM MICROCONTROLLERS
TMS470PLF111 TI-TMS470PLF111 Datasheet
843Kb / 63P
[Old version datasheet]   16/32-BIT RISC FLASH MICROCONTROLLER
TMS470R1B768 TI-TMS470R1B768_08 Datasheet
533Kb / 49P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
TMS470R1B1M TI1-TMS470R1B1M_12 Datasheet
547Kb / 60P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com