Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6415HC017R-G Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6415HC017R-G
Description  Dual LDO Regulators with ON/OFF Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6415HC017R-G Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6415HC017R-G Datasheet HTML 3Page - Torex Semiconductor XC6415HC017R-G Datasheet HTML 4Page - Torex Semiconductor XC6415HC017R-G Datasheet HTML 5Page - Torex Semiconductor XC6415HC017R-G Datasheet HTML 6Page - Torex Semiconductor XC6415HC017R-G Datasheet HTML 7Page - Torex Semiconductor XC6415HC017R-G Datasheet HTML 8Page - Torex Semiconductor XC6415HC017R-G Datasheet HTML 9Page - Torex Semiconductor XC6415HC017R-G Datasheet HTML 10Page - Torex Semiconductor XC6415HC017R-G Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7/23
XC6415
Series
OUTPUT VOLTAGE
(V)
LOAD REGULATION
E-1
(mV)
DROPOUT VOLTAGE
E-2
(mV)
NOMINAL
OUTPUT
VOLTAGE
(V)
VOUT(E) 1% Accuracy
VOUT(E)2% Accuracy
VOUT
Vdif
VOUT(T)
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
3.00
2.9700
3.0300
2.9400
3.0600
3.05
3.0195
3.0805
2.9890
3.1110
3.10
3.0690
3.1310
3.0380
3.1620
3.15
3.1185
3.1815
3.0870
3.2130
3.20
3.1680
3.2320
3.1360
3.2640
3.25
3.2175
3.2825
3.1850
3.3150
95
3.30
3.2670
3.3330
3.2340
3.3660
3.35
3.3165
3.3835
3.2830
3.4170
3.40
3.3660
3.4340
3.3320
3.4680
3.45
3.4155
3.4845
3.3810
3.5190
3.50
3.4650
3.5350
3.4300
3.5700
3.55
3.5145
3.5855
3.4790
3.6210
3.60
3.5640
3.6360
3.5280
3.6720
3.65
3.6135
3.6865
3.5770
3.7230
3.70
3.6630
3.7370
3.6260
3.7740
3.75
3.7125
3.7875
3.6750
3.8250
3.80
3.7620
3.8380
3.7240
3.8760
3.85
3.8115
3.8885
3.7730
3.9270
3.90
3.8610
3.9390
3.8220
3.9780
3.95
3.9105
3.9895
3.8710
4.0290
20
50
150
4.00
3.9600
4.0400
3.9200
4.0800
4.05
4.0095
4.0905
3.9690
4.1310
4.10
4.0590
4.1410
4.0180
4.1820
4.15
4.1085
4.1915
4.0670
4.2330
4.20
4.1580
4.2420
4.1160
4.2840
4.25
4.2075
4.2925
4.1650
4.3350
4.30
4.2570
4.3430
4.2140
4.3860
4.35
4.3065
4.3935
4.2630
4.4370
4.40
4.3560
4.4440
4.3120
4.4880
4.45
4.4055
4.4945
4.3610
4.5390
4.50
4.4550
4.5450
4.4100
4.5900
4.55
4.5045
4.5955
4.4590
4.6410
4.60
4.5540
4.6460
4.5080
4.6920
4.65
4.6035
4.6965
4.5570
4.7430
4.70
4.6530
4.7470
4.6060
4.7940
4.75
4.7025
4.7975
4.6550
4.8450
4.80
4.7520
4.8480
4.7040
4.8960
4.85
4.8015
4.8985
4.7530
4.9470
4.90
4.8510
4.9490
4.8020
4.9980
4.95
4.9005
4.9995
4.8510
5.0490
5.00
4.9500
5.0500
4.9000
5.1000
30
60
80
120
ELECTRICAL CHARACTERISTICS (Continued)
Voltage Chart (Continued)


Similar Part No. - XC6415HC017R-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6415 TOREX-XC6415_1 Datasheet
521Kb / 22P
   Dual LDO Regulators with ON/OFF Switch
More results

Similar Description - XC6415HC017R-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6415 TOREX-XC6415_1 Datasheet
521Kb / 22P
   Dual LDO Regulators with ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_2 Datasheet
466Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6419 TOREX-XC6419 Datasheet
760Kb / 29P
   Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
XC6419 TOREX-XC6419_1 Datasheet
767Kb / 29P
   Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
XC6204 TOREX-XC6204_V01 Datasheet
4Mb / 48P
   300mA/150mA High Speed LDO Regulators with ON-OFF Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com